Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 73 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 69Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 70Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 71Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 72Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 73Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 74Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 75Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 76Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Table 3-13. DM6446 Multiplexed Peripheral Pins and Multiplexing Controls (continued)
PRIMARY
SECONDARY
TERTIARY
MULTIPLEXED
SECONDARY(1)
TERTIARY(2)
(DEFAULT)
REGISTER/PIN(3)
REGISTER/PIN(3)
PERIPHERALS
FUNCTION
FUNCTION
FUNCTION
CONTROL
CONTROL
UART2, VPFE
VPFE:
UART2:
PinMux1:UART2,
CI[5:4]/
UART_CTS2,
PinMux1:U2FLO
CCD_DATA[13:12] UART_RTS2
3.5.3
Peripheral Selection After Device Reset
After device reset, the PINMUX0 and PINMUX1 registers are software programmable to allow multiplexing
of shared device pins between peripherals, as given in Section 2.7, Terminal Functions. Section 3.5.4
(PINMUX0 Register Description), Section 3.5.5 (PINMUX1 Register Description), and Section 3.5.6 (Pin
Multiplexing Register Field Details) identify the register settings necessary to configure specific multiplexed
functions and show the primary (default) function after reset.
3.5.4
PINMUX0 Register Description
The PINMUX0 pin multiplexing register controls which peripheral is given ownership over shared pins
among EMAC, CCD, LCD, RGB888, RGB666, ATA, VLYNQ, EMIFA, HPI, and GPIO peripherals. The
register format is shown in Figure 3-7 and bit field descriptions are given in Table 3-14. More details on
the PINMUX0 pin muxing fields are given in Section 3.5.6, Pin Multiplexing Register Field Details. A value
of '1' enables the secondary or tertiary pin function.
Figure 3-7. PINMUX0 Register(1)
31
30
29
28
27
26
25
24
23
22
21
18
17
16
EMACEN
Rsvd
HPIEN
Rsvd
CFLDEN
CWE
LFLDEN
LOEEN
RGB888
RGB666
Reserved
ATAEN
HDIREN
R/W-0
R/W-0
R/W-D
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R-0000
R/W-0
R/W-0
15
14
13
12
11
10
9
5
4
0
VLYNQEN VLSCREN
VLYNQWD
AECS5
AECS4
Reserved
AEAW
R/W-0
R/W-0
R/W-00
R/W-0
R/W-0
R-00000
R/W-LLLLL
LEGEND: R = Read; W = Write; L = pin state latched at reset rising edge; D = derived from pin states; -n = value after reset
(1)
For proper DM6446 device operation, always write a value of '0' to RSV bit 30.
Table 3-14. PINMUX0 Register Description
Name
Description
EMACEN
Enable EMAC and MDIO function on default GPIO3V[0:16] pins.
HPIEN
Enable HPI module pins. Default value is derived from BTSEL[1:0] configuration inputs.
HPIEN is 1 when the BTSEL[1:0] = 10 and HPIEN is 0 (the default state) when
BTSEL[1:0] is 00, 01, or 11.
CFLDEN
Enable CCD C_FIELD function on default GPIO[4] pin
CWE
Enable CCD C_WE function on default GPIO[1] pin
LFLDEN
Enable LCD_FIELD function on default GPIO[3] pin
LOEEN
Enable LCD_OE function on default GPIO[0] pin
RGB888
Enable VPBE RGB888 function on default GPIO[2:6, 46:47] pins
RGB666
Enable VPBE RGB666 function on default GPIO[46:47] pins
ATAEN
Enable ATA function on default EMIFA and GPIO[52:53] pins and shared UART1 pins
HDIREN
Enable HDDIR function on default GPIO[42] pin
VLYNQEN
Enable VLYNQ function on default GPIO[9,10:17] pins
VLSCREN
Enable VLYNQ SCRUN function on default GPIO[9] pin
VLYNQWD
VLYNQ data width selection. This expands the VLYNQ TXD[0:3] and RXD[0:3]
functions on default GPIO[10:17] pins.
AECS5
Enable EMIFA EM_CS5 function on GPIO[8]
Copyright © 2005–2010, Texas Instruments Incorporated
Device Configurations
73
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com