Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 37 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 33Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 34Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 35Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 36Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 37Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 38Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 39Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 40Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Table 2-11. I2C Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)
DESCRIPTION
NAME
NO.
I2C
SCL/
This pin is multiplexed between I2C and GPIO.
C4
I/O/Z
DVDD18
GPIO43
For I2C, it is clock output SCL.
SDA/
This pin is multiplexed between I2C and GPIO.
B4
I/O/Z
DVDD18
GPIO44
For I2C, it is bi-directional data signal SDA.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
Specifies the operating I/O supply voltage for each signal
Table 2-12. Audio Serial Port (ASP) Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)
DESCRIPTION
NAME
NO.
Audio Serial Port (ASP)
CLKX/
This pin is multiplexed between ASP and GPIO.
B8
I/O/Z
DVDD18
GPIO29
For ASP, it is Transmit clock IO CLKX.
CLKR/
This pin is multiplexed between ASP and GPIO.
A8
I/O/Z
DVDD18
GPIO30
For ASP, it is Receive clock IO CLKR.
FSX/
This pin is multiplexed between ASP and GPIO.
C8
I/O/Z
DVDD18
GPIO31
For ASP, it is Transmit frame synchronization IO FSX.
FSR/
This pin is multiplexed between ASP and GPIO.
C7
I/O/Z
DVDD18
GPIO32
For ASP, it is Receive frame synchronization IO FSR.
DX/
This pin is multiplexed between ASP and GPIO.
B7
I/O/Z
DVDD18
GPIO33
For ASP, it is Data Transmit output DX.
DR/
This pin is multiplexed between ASP and GPIO.
A7
I/O/Z
DVDD18
GPIO34
For ASP, it is Data Receive input DR.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
Specifies the operating I/O supply voltage for each signal
Table 2-13. SPI Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)
DESCRIPTION
NAME
NO.
Serial Peripheral Interface (SPI)
SPI_EN0/
This pin is multiplexed between SPI and GPIO.
A4
I/O/Z
DVDD18
GPIO37
When used by SPI, it is SPI slave device 0 enable output SPI_EN0.
SPI_EN1/
This pin is multiplexed between SPI, ATA, and GPIO.
HDDIR/
B2
I/O/Z
DVDD18
When used by SPI, it is SPI slave device 1 enable output SPI_EN1.
GPIO42
SPI_CLK/
This pin is multiplexed between SPI and GPIO.
A3
I/O/Z
DVDD18
GPIO39
For SPI, it is clock output SPI_CLK.
SPI_DI/
This pin is multiplexed between SPI and GPIO.
B3
I/O/Z
DVDD18
GPIO40
For SPI, it is data input SPI_DI.
SPI_DO/
This pin is multiplexed between SPI and GPIO.
A2
I/O/Z
DVDD18
GPIO41
For SPI it is data output SPI_DO.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
Specifies the operating I/O supply voltage for each signal
Copyright © 2005–2010, Texas Instruments Incorporated
Device Overview
37
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com