Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 35 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 31Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 32Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 33Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 34Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 35Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 36Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 37Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 38Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Table 2-10. DDR2 Memory Controller Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
DDR2 Memory Controller
DDR_CLK0
W7
I/O/Z
DVDDR2
DDR2 Clock
DDR_CLK0
W8
I/O/Z
DVDDR2
DDR2 Differential clock
DDR_CKE
V8
I/O/Z
DVDDR2
DDR2 Clock Enable
DDR_CS
T9
I/O/Z
DVDDR2
DDR2 Active low chip select
DDR_WE
T8
I/O/Z
DVDDR2
DDR2 Active low Write enable
DDR_DQM[3]
T16
I/O/Z
DVDDR2
DDR2 Data mask outputs
DQM3: For upper byte data bus DDR_D[31:24]
DDR_DQM[2]
T14
I/O/Z
DVDDR2
DQM2: For DDR_D[23:16]
DDR_DQM[1]
T6
I/O/Z
DVDDR2
DQM1: For DDR_D[15:8]
DQM0: For lower byte DDR_D[7:0]
DDR_DQM[0]
T4
I/O/Z
DVDDR2
DDR_RAS
U7
I/O/Z
DVDDR2
DDR2 Row Access Signal output
DDR_CAS
T7
I/O/Z
DVDDR2
DDR2 Column Access Signal output
DDR_DQS[0]
U4
I/O/Z
DVDDR2
Data strobe input/outputs for each byte of the 32-bit data bus. They are outputs to
the DDR2 memory when writing and inputs when reading. They are used to
DDR_DQS[1]
U6
I/O/Z
DVDDR2
synchronize the data transfers.
DDR_DQS[2]
U14
I/O/Z
DVDDR2
DQS3 : For upper byte DDR_D[31:24]
DQS2: For DDR_D[23:16]
DQS1: For DDR_D[15:8]
DDR_DQS[3]
U16
I/O/Z
DVDDR2
DQS0: For bottom byte DDR_D[7:0]
DDR_BS[0]
U8
DDR_BS[1]
V9
I/O/Z
DVDDR2
Bank select outputs (BS[2:0]). Two are required to support 1Gb DDR2 memories.
DDR_BS[2]
U9
DDR_A[12]
W9
DDR_A[11]
W10
DDR_A[10]
U10
DDR_A[9]
U11
DDR_A[8]
V10
DDR_A[7]
V11
DDR_A[6]
W11
I/O/Z
DVDDR2
DDR2 address bus
DDR_A[5]
W12
DDR_A[4]
V12
DDR_A[3]
U12
DDR_A[2]
V13
DDR_A[1]
U13
DDR_A[0]
W13
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
Specifies the operating I/O supply voltage for each signal
(3)
For more information, see Section 5.2, Recommended Operating Conditions.
Copyright © 2005–2010, Texas Instruments Incorporated
Device Overview
35
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com