Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 100 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 100 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 96Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 97Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 98Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 99Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 100Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 101Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 102Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 103Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 227 page
background image
MXI/CLKIN
MXO
C1
C2
Crystal
MXVSS
27 MHz
1.8 V
MXVDD
RBIAS
(optional)
C
L
+
C
1C2
(C
1
) C2)
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
6.5
External Clock Input From MXI/CLKIN Pin
The DM6446 device has two input pins for an external clock source, MXI/CLKIN and M24XI. The
MXI/CLKIN pin provides the clock source for PLL1 and PLL2 whose optimal frequency is 27 MHz. The
M24XI pin provides the clock source for the USB PLL whose optimal frequency is 24 MHz.
The DM6446 device includes two options to provide an external clock input:
1. Use an on-chip oscillator with external crystal or ceramic resonator circuit (only supporting
parallel-resonant mode; it does not provide overtone support). For more details, see Section 6.5.1,
Clock Input Option 1 – Crystal.
2. Use an external 1.8-V LVCMOS-compatible clock input. For more details, see Section 6.5.2, Clock
Input Option 2 – 1.8-V LVCMOS-Compatible Clock Input.
6.5.1
Clock Input Option 1 – Crystal
6.5.1.1
27-MHz Crystal for System Oscillator
In this option, a crystal is used as the external clock input to the DM6446 PLL1 and PLL2.
The 27-MHz oscillator provides the reference clock for all DM6446 subsystems and peripherals. The
on-chip oscillator requires an external 27-MHz crystal connected across the MXI and MXO pins, along
with two load capacitors, as shown in Figure 6-10. The external crystal load capacitors must be
connected only to the 27-MHz oscillator ground pin (MXVSS). Do not connect to board ground (VSS). The
MXVDD pin can be connected to the same 1.8 V power supply as DVDD18.
Figure 6-10. 27-MHz System Oscillator
The RBIAS resistor is optional. If the RBIAS resistor is used, it should equal 1 M
Ω ±5%. The load
capacitors, C1 and C2, should be chosen such that the equation is satisfied (typical values are C1 = C2 =
10 pF). CL in the equation is the load specified by the crystal manufacturer. All discrete components used
to implement the oscillator circuit should be placed as close as possible to the associated oscillator pins
(MXI and MXO) and to the MXVSS pin.
100
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com