Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 102 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 98Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 99Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 100Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 101Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 102Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 103Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 104Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 105Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 227 page
background image
MXI/CLKIN
MXO
NC
MXV
SS
1.8V
MXV
DD
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
6.5.2
Clock Input Option 2 – 1.8-V LVCMOS-Compatible Clock Input
In this option, a 1.8-V LVCMOS-compatible clock input is used as the external clock input to the DM6446
device. The external connections are shown in Figure 6-12. The MXI/CLKIN pin is connected to the 1.8-V
LVCMOS-compatible clock source. The MXO pin is left unconnected. The MXVSS pin is connected to
board ground (VSS). The MXVDD pin can be connected to the same 1.8-V power supply as DVDD18. The
clock source must meet the MXI/CLKIN timing requirements shown in Table 6-16, Timing Requirements
for MXI/CLKIN.
Figure 6-12. 1.8-V LVCMOS-Compatible Clock Input
Figure 6-12 also applies to the USB external clock input. When a 1.8-V LVCMOS-compatible clock input is
used as the external clock input, the M24XI pin is connected to the 1.8-V LVCMOS-compatible clock
source. The M24XO pin is left unconnected. The M24VSS pin is connected to board ground (VSS). The
M24VDD pin can be connected to the same 1.8-V power supply as DVDDR2. The clock source must meet
the MXI/CLKIN timing requirements shown in Table 6-17, Timing Requirements for M24XI (-594) Devices.
6.6
Clock PLLs
There are two independently controlled PLLs on DM6446. PLL1 generates the frequencies required for the
DSP, ARM, VICP, DMA, VPFE, and other peripherals. PLL2 generates the frequencies required for the
DDR2 interface and the VPBE in certain modes. The recommended reference clock for both PLLs is the
27-MHz crystal input. The USB2.0 PHY contains a third PLL embedded within it and the 24-MHz oscillator
is its reference clock source. This particular PLL is only usable for USB operation, and is discussed further
in the TMS320DM644x DMSoC Universal Serial Bus (USB) Controller User's Guide (literature number
SPRUE35).
A summary of the PLL controller registers is shown in Table 6-12. For more details, see the
TMS320DM644x DMSoC ARM Subsystem Reference Guide (literature number SPRUE14).
Table 6-12. PLL and Reset Controller Registers Memory Map
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
PLL1 Controller Registers
0x01C4 0800
PID
Peripheral Identification and Revision Information Register
0x01C4 08E4
RSTYPE
Reset Type Register
0x01C4 0900
PLLC
PLL Controller 1 Operations Control Register
0x01C4 0910
PLLM
PLL Controller 1 Multiplier Control Register
0x01C4 0918
PLLDIV1
PLL Controller 1 Control-Divider 1 Register (SYSCLK1)
0x01C4 091C
PLLDIV2
PLL Controller 1 Control-Divider 2 Register (SYSCLK2)
0x01C4 0920
PLLDIV3
PLL Controller 1 Control-Divider 3 Register (SYSCLK3)
0x01C4 0928
POSTDIV
PLL Controller 1 Post-Divider Control Register
0x01C4 092C
BPDIV
PLL Controller 1 Bypass Control-Divider Register (SYSCLKBP)
0x01C4 0938
PLLCMD
PLL Controller 1 Command Register
0x01C4 093C
PLLSTAT
PLL Controller 1 Status Register (Shows PLLCTRL Status)
102
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com