Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 106 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 106 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 102Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 103Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 104Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 105Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 106Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 107Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 108Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 109Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 227 page
background image
MXI/CLKIN
2
3
4
4
5
1
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 6-17. Timing Requirements for M24XI (-594) Devices(1) (2) (3) (see Figure 6-15)
A-513,
NO.
-594,
UNIT
-810
MIN
TYP
MAX
1
tc(M24XI)
Cycle time, M24XI
41.6
ns
2
tw(M24XIH)
Pulse duration, M24XI high
0.45C
0.55C
ns
3
tw(M24XIL)
Pulse duration, M24XI low
0.45C
0.55C
ns
4
tt(M24XI)
Transition time, M24XI
0.05C
ns
5
tJ(M24XI)
Period jitter, M24XI
0.02C
ns
(1)
The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
(2)
For more details on the PLL, see the TMS320DM644x DMSoC Universal Serial Bus (USB) Controller User's Guide (literature number
SPRUE35).
(3)
C = M24XI cycle time in ns. For example, when M24XI frequency is 24 MHz, use C = 41.6 ns.
Figure 6-15. M24XI Timing
106
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com