Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 105 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 105 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 101Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 102Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 103Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 104Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 105Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 106Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 107Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 108Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 227 page
background image
MXI/CLKIN
2
3
4
4
5
1
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
The PLL lock time is the amount of time needed from when the PLL is taken out of reset (PLLRST = 1
with PLLEN = 0) to when to when the PLL controller can be switched to PLL mode (PLLEN = 1). For the
PLL lock time value, see Table 6-15.
Table 6-15. PLL1 and PLL2 Stabilization, Lock, and Reset Times
PLL STABILIZATION/LOCK/RESET TIME
MIN
TYP
MAX
UNIT
PLL Stabilization Time
150
ms
PLL Lock Time
2000C(1)
ns
PLL Reset Time
128C(1)
ns
(1)
C = CLKIN cycle time in ns. For example, when MXI/CLKIN frequency is 27 MHz, use C = 37.037 ns.
For details on the PLL initialization software sequence, see the TMS320DM644x DMSoC ARM Subsystem
Reference Guide (literature number SPRUE14).
6.6.2
Clock PLL Considerations with External Clock Sources
If the internal oscillator is bypassed, to minimize the clock jitter a single clean power supply should power
both the DM6446 device and the external clock oscillator circuit. The minimum CLKIN rise and fall times
should also be observed. For the input clock timing requirements, see Section 6.6.3, Clock PLL Electrical
Data/Timing (Input and Output Clocks).
Rise/fall times, duty cycles (high/low pulse durations), and the load capacitance of the external clock
source must meet the device requirements in this data manual (see Section 5.3, Electrical Characteristics
Over Recommended Ranges of Supply Voltage and Operating Case Temperature, and Section 6.6.3,
Clock PLL Electrical Data/Timing (Input and Output Clocks).
6.6.3
Clock PLL Electrical Data/Timing (Input and Output Clocks)
Table 6-16. Timing Requirements for MXI/CLKIN (-594) Devices(1) (2) (3) (4) (see Figure 6-14)
A-513,
-594,
NO.
UNIT
-810
MIN
MAX
1
tc(MXI)
Cycle time, MXI/CLKIN
33.3
50
ns
2
tw(MXIH)
Pulse duration, MXI/CLKIN high
0.45C
0.55C
ns
3
tw(MXIL)
Pulse duration, MXI/CLKIN low
0.45C
0.55C
ns
4
tt(MXI)
Transition time, MXI/CLKIN
0.05C
ns
5
tJ(MXI)
Period jitter, MXI/CLKIN
0.02C
ns
(1)
The MXI/CLKIN frequency and PLL multiply factor should be chosen such that the resulting clock frequency is within the specific range
for CPU operating frequency. For example, for a -594 speed device with a 27 MHz CLKIN frequency, the PLL multiply factor should be
≤ 22. For example, for a -810 speed device with a 27 MHz CLKIN frequency, the PLL multiply factor should be ≤ 30.
(2)
The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
(3)
For more details on the PLL multiplier factors, see the TMS320DM644x DMSoC ARM Subsystem Reference Guide (literature number
SPRUE14).
(4)
C = CLKIN cycle time in ns. For example, when MXI/CLKIN frequency is 27 MHz, use C = 37.037 ns.
Figure 6-14. MXI/CLKIN Timing
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
105
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com