Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 104 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 100Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 101Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 102Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 103Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 104Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 105Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 106Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 107Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 227 page
background image
PLLV
DD18
C2
C1
EMIFilter
+1.8V
DM644x
PLL2
PLL1
0.1µF
0.01µF
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Figure 6-13. PLL1 and PLL2 External Connection
The minimum CLKIN rise and fall times should also be observed. For the input clock timing requirements,
see Section 6.6.3, Clock PLL Electrical Data/Timing (Input and Output Clocks).
There is an allowable range for PLL multiplier (PLLM). There is a minimum and maximum operating
frequency for MXI/CLKIN, PLLOUT, and the device clocks (SYSCLKs). The PLL Controllers must be
configured not to exceed any of these constraints documented in this section (certain combinations of
external clock inputs, internal dividers, and PLL multiply ratios might not be supported).
Table 6-13. PLLC1 Clock Frequency Ranges
CLOCK SIGNAL NAME
MIN
MAX
UNIT
MXI/CLKIN(1)
20
30
MHz
At 1.2-V CVDD
400
600
MHz
PLLOUT
At 1.3-V CVDD (-810 only)
400
810
MHz
-594 (commercial temp)
600
MHz
SYSCLK1 (CLKDIV1 Domain)
-810 (commercial temp)
810
MHz
A-513 (extended temp)
513
MHz
(1)
MXI/CLKIN input clock is used for both PLL Controllers (PLLC1 and PLLC2).
Table 6-14. PLLC2 Clock Frequency Ranges
CLOCK SIGNAL NAME
MIN
MAX
UNIT
MXI/CLKIN(1)
20
30
MHz
At 1.2-V CVDD
400
900
MHz
PLLOUT
At 1.3-V CVDD (-810 only)
400
900
MHz
(1)
MXI/CLKIN input clock is used for both PLL Controllers (PLLC1 and PLLC2).
Both PLL1 and PLL2 have stabilization, lock, and reset timing requirements that must be followed.
The PLL stabilization time is the amount of time that must be allotted for the internal PLL regulators to
become stable after the PLL is powered up (after PLLCTL.PLLPWRDN bit goes through a 1-to-0
transition). The PLL should not be operated until this stabilization time has expired. This stabilization step
must be applied after these resets—a Power-on Reset, a Warm Reset, or a Max Reset, as the
PLLCTL.PLLPWRDN bit resets to a "1". For the PLL stabliziation time value, see Table 6-15.
The PLL reset time is the amount of wait time needed for the PLL to properly reset (writing PLLRST = 0)
before bringing the PLL out of reset (writing PLLRST = 1). For the PLL reset time value, see Table 6-15.
104
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com