Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 95 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 91Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 92Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 93Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 94Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 95Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 96Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 97Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 98Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Table 6-6. PSC Register Memory Map
REGISTER
HEX ADDRESS RANGE
DESCRIPTION
ACRONYM
0x01C4 1000
PID
Peripheral Revision and Class Information Register
0x01C4 1004 - 0x01C4 1014
-
Reserved
0x01C4 1018
INTEVAL
Interrupt Evaluation Register
0x01C4 101C - 0x01C4 103F
-
Reserved
0x01C4 1040
MERRPR0
Module Error Pending 0 (mod 0 - 31) Register
0x01C4 1044
MERRPR1
Module Error Pending 1 (mod 32- 63) Register
0x01C4 1048 - 0x01C4 104F
-
Reserved
0x01C4 1050
MERRCR0
Module Error Clear 0 (mod 0 - 31) Register
0x01C4 1054
MERRCR1
Module Error Clear 1 (mod 32 - 63) Register
0x01C4 1058 - 0x01C4 105F
-
Reserved
0x01C4 1060
PERRPR
Power Error Pending Register
0x01C4 1064 - 0x01C4 1067
-
Reserved
0x01C4 1068
PERRCR
Power Error Clear Register
0x01C4 106C - 0x01C4 106F
-
Reserved
0x01C4 1070
EPCPR
External Power Error Pending Register
0x01C4 1074 - 0x01C4 1077
-
Reserved
0x01C4 1078
EPCCR
External Power Control Clear Register
0x01C4 107C - 0x01C4 111F
-
Reserved
0x01C4 1120
PTCMD
Power Domain Transition Command Register
0x01C4 1124 - 0x01C4 1127
-
Reserved
0x01C4 1128
PTSTAT
Power Domain Transition Status Register
0x01C4 112C - 0x01C4 11FF
-
Reserved
0x01C4 1200
PDSTAT0
Power Domain Status 0 Register (Always On)
0x01C4 1204
PDSTAT1
Power Domain Status 1 Register (DSP)
0x01C4 1208 - 0x01C4 12FF
-
Reserved
0x01C4 1300
PDCTL0
Power Domain Control 0 Register (Always On)
0x01C4 1304
PDCTL1
Power Domain Control 1 Register (DSP)
0x01C4 1308 - 0x01C4 17FF
-
Reserved
0x01C4 1800
MDSTAT0
Module Status 0 Register (VPSS DMA)
0x01C4 1804
MDSTAT1
Module Status 1 Register (VPSS MMR)
0x01C4 1808
MDSTAT2
Module Status 2 Register (EDMA3CC)
0x01C4 180C
MDSTAT3
Module Status 3 Register (EDMA3TC0)
0x01C4 1810
MDSTAT4
Module Status 4 Register (EDMA3TC1)
0x01C4 1814
MDSTAT5
Module Status 5 Register (EMAC)
0x01C4 1818
MDSTAT6
Module Status 6 Register (EMAC Memory Controller)
0x01C4 181C
MDSTAT7
Module Status 7 Register (MDIO)
0x01C4 1820
Reserved
0x01C4 1824
MDSTAT9
Module Status 9 Register (USB)
0x01C4 1828
MDSTAT10
Module Status 10 Register (ATA/CF)
0x01C4 182C
MDSTAT11
Module Status 11 Register (VLYNQ)
0x01C4 1830
MDSTAT12
Module Status 12 Register (HPI)
0x01C4 1834
MDSTAT13
Module Status 13 Register (DDR2)
0x01C4 1838
MDSTAT14
Module Status 14 Register (EMIFA)
0x01C4 183C
MDSTAT15
Module Status 15 Register (MMC/SD/SDIO)
0x01C4 1840
Reserved
0x01C4 1844
MDSTAT17
Module Status 17 Register (ASP)
0x01C4 1848
MDSTAT18
Module Status 18 Register (I2C)
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
95
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com