Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 87 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 83Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 84Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 85Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 86Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 87Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 88Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 89Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 90Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
5.3
Electrical Characteristics Over Recommended Ranges of Supply Voltage and
Operating Case Temperature (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS (1)
MIN
TYP
MAX
UNIT
Low/full speed:
2.8
USB_VDDAP3
V
USB_DN and USB_DP
High speed:
360
440
mV
VOH
USB_DN and USB_DP
High-level output voltage (3.3V I/O)
DVDD33 = MIN, IOH = MAX
2.4
V
High-level output voltage (1.8V I/O)
DVDD18 = MIN, IOH = MAX
DVDD - 0.45
V
Low/full speed:
0.0
0.3
V
USB_DN and USB_DP
High speed:
-10
10
mV
VOL
USB_DN and USB_DP
Low-level output voltage (3.3V I/O)
DVDD33 = MIN, IOL = MAX
0.4
V
Low-level output voltage (1.8V I/O)
DVDD18 = MIN, IOL = MAX
0.45
V
VI = VSS to DVDD without opposing
±10
mA
internal resistor
VI = VSS to DVDD with opposing internal
II
(2)
Input current
50
100
250
mA
pullup resistor (3)
VI = VSS to DVDD with opposing internal
-250
-100
-50
mA
pulldown resistor (3)
IOH
High-level output current
All peripherals
-4
mA
IOL
Low-level output current
All peripherals
4
mA
VO = DVDD or VSS; internal pull disabled
±20
mA
IOZ
(4)
I/O Off-state output current
VO = DVDD or VSS; internal pull enabled
±100
mA
Core (CVDD, VDDA1P1V, USB_VDDA1P2LDO
(5),
ICDD
CVDD = 1.2 V, DSP clock = 594 MHz
767
mA
CVDDDSP) supply current
(6)
3.3V I/O (DVDD33, USB_VDDA3P3)
IDDD
DVDD = 3.3 V, DSP clock = 594 MHz
6
mA
supply current(6)
1.8V I/O (DVDD18, DVDDR2, DDR_VDDDLL,
IDDD
PLLVDD18, VDDA1P8V, USB_VDD1P8, MXVDD, DVDD = 1.8 V, DSP clock = 594 MHz
102
mA
M24VDD) supply current(6)
CI
Input capacitance
4
pF
Co
Output capacitance
4
pF
(1)
For test conditions shown as MIN, MAX, or NOM, use the appropriate value specified in Section 5.2, Recommended Operating
Conditions.
(2)
II applies to input-only pins and bi-directional pins. For input-only pins, II indicates the input leakage current. For bi-directional pins, II
indicates the input leakage current and off-state (Hi-Z) output leakage current.
(3)
Applies only to pins with an internal pullup (IPU) or pulldown (IPD) resistor.
(4)
IOZ applies to output-only pins, indicating off-state (Hi-Z) output leakage current.
(5)
This pin is an internal LDO output and connected via 1 mF capacitor to USB_VSSA1P2LDO.
(6)
Measured under the following conditions: 60% DSP CPU utilization; ARM doing typical activity (peripheral configurations, other
housekeeping activities); DDR2 Memory Controller at 50% utilization (135 MHz), 50% writes, 32 bits, 50% bit switching; 2 MHz ASP at
100% utilization; Timer0 at 100% utilization. At room temperature (25°C) for typical process devices. The actual current draw varies
across manufacturing processes and is highly application-dependent. For more details on core and I/O voltages, activities and typical
currents for -594, A-513, and -810 devcies, as well as information relevant to board power supply design, see the TMS320DM6446/3
Power Consumption Summary application report (literature number SPRAAD6).
Copyright © 2005–2010, Texas Instruments Incorporated
Device Operating Conditions
87
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com