Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 109 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 109 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 105Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 106Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 107Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 108Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 109Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 110Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 111Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 112Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
6.7
Interrupts
The DM6446 device has a large number of interrupts to service the needs of its many peripherals and
subsystems. Both the ARM and C64x+ are capable of servicing these interrupts. All of the device
interrupts are routed to the ARM interrupt controller with only a limited set routed to the C64x+ interrupt
controller. The interrupts can be selectively enabled or disabled in either of the controllers. In typical
applications, the ARM handles most of the peripheral interrupts and grants control, to the C64x+, of
interrupts that are relevant to DSP algorithms. Also, the ARM and DSP can communicate with each other
through interrupts.
6.7.1
ARM CPU Interrupts
The ARM9 CPU core supports 2 direct interrupts: FIQ and IRQ. The DM6446 ARM interrupt controller
prioritizes up to 64 interrupt requests from various peripherals and subsystems, which are listed in
Table 6-20, and interrupts the ARM CPU. Each interrupt is programmable for up to 8 levels of priority.
There are 6 levels for IRQ and 2 levels for FIQ. Interrupts at the same priority level are serviced in order
by the ARM Interrupt Number, with the lowest number having the highest priority. Table 6-21 shows the
ARM interrupt controller registers and memory locations. For more details on ARM interrupt control, see
the TMS320DM644x DMSoC ARM Subsystem Reference Guide (literature number SPRUE14).
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
109
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com