Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 203 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 203 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 199Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 200Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 201Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 202Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 203Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 204Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 205Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 206Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 207Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Table 6-89. Switching Characteristics Over Recommended Operating Conditions for ASP(1) (2)
(see Figure 6-67)
A-513,
-594,
NO.
PARAMETER
UNIT
-810
MIN
MAX
2
tc(CKRX)
Cycle time, CLKR/X
CLKR/X int
38.5(3)
ns
3
tw(CKRX)
Pulse duration, CLKR/X high or CLKR/X low
CLKR/X int
C - 1(4)
C + 1(4)
ns
4
td(CKRH-FRV)
Delay time, CLKR high to internal FSR valid
CLKR int
-2.1
3
ns
CLKX int
-1.7
3
9
td(CKXH-FXV)
Delay time, CLKX high to internal FSX valid
ns
CLKX ext
1.7
14.4
CLKX int
-3.9
4
Disable time, DX high impedance following last data
12
tdis(CKXH-DXHZ)
ns
bit from CLKX high
CLKX ext
2.1
13
CLKX int
-3.9 + D1(5)
4 + D2(5)
ns
13
td(CKXH-DXV)
Delay time, CLKX high to DX valid
CLKX ext
2.1 + D1(5)
14.5 + D2(5)
ns
Delay time, FSX high to DX valid
FSX int
-2.3 + D1(6)
4 + D2(6)
14
td(FXH-DXV)
ONLY applies when in data
ns
FSX ext
1.9 + D1(6)
12.1 + D2(6)
delay 0 (XDATDLY = 00b) mode
(1)
CLKRP = CLKXP = FSRP = FSXP = 0. If polarity of any of the signals is inverted, then the timing references of that signal are also
inverted.
(2)
Minimum delay times also represent minimum output hold times.
(3)
Minimum CLKR/X cycle times must be met, even when CLKR/X is generated by an internal clock source. Minimum CLKR/X cycle times
are based on internal logic speed; the maximum usable speed may be lower due to EDMA3 limitations and AC timing requirements.
(4)
C = H or L
S = sample rate generator input clock = 4P if CLKSM = 1 (P = 1/CPU clock frequency [SYSCLK1])
S = sample rate generator input clock = Not Supported if CLKSM = 0 (no CLKS pin on DM6446)
H = CLKX high pulse width = (CLKGDV/2 + 1) * S if CLKGDV is even
H = (CLKGDV + 1)/2 * S if CLKGDV is odd or zero
L = CLKX low pulse width = (CLKGDV/2) * S if CLKGDV is even
L = (CLKGDV + 1)/2 * S if CLKGDV is odd or zero
CLKGDV should be set appropriately to ensure the ASP bit rate does not exceed the maximum limit [see footnote (3) above].
(5)
Extra delay from CLKX high to DX valid applies only to the first data bit of a device, if and only if DXENA = 1 in SPCR.
if DXENA = 0, then D1 = D2 = 0
if DXENA = 1, then D1 = 4P, D2 = 8P
(6)
Extra delay from FSX high to DX valid applies only to the first data bit of a device, if and only if DXENA = 1 in SPCR.
if DXENA = 0, then D1 = D2 = 0
if DXENA = 1, then D1 = 4P, D2 = 8P
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
203
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com