Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 117 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 117 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 113Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 114Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 115Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 116Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 117Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 118Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 119Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 120Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
6.8.1
GPIO Peripheral Register Description(s)
Table 6-25. GPIO Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x01C6 7000
PID
Peripheral Identification Register
0x01C6 7004
-
Reserved
0x01C6 7008
BINTEN
GPIO interrupt per-bank enable
GPIO Banks 0 and 1
0x01C6 700C
-
Reserved
0x01C6 7010
DIR01
GPIO Banks 0 and 1 Direction Register (GPIO[0:31])
0x01C6 7014
OUT_DATA01
GPIO Banks 0 and 1 Output Data Register (GPIO[0:31])
0x01C6 7018
SET_DATA01
GPIO Banks 0 and 1 Set Data Register (GPIO[0:31])
0x01C6 701C
CLR_DATA01
GPIO Banks 0 and 1 Clear data for banks 0 and 1 (GPIO[0:31])
0x01C6 7020
IN_DATA01
GPIO Banks 0 and 1 Input Data Register (GPIO[0:31])
0x01C6 7024
SET_RIS_TRIG01
GPIO Banks 0 and 1 Set Rising Edge Interrupt Register (GPIO[0:31])
0x01C6 7028
CLR_RIS_TRIG01
GPIO Banks 0 and 1 Clear Rising Edge Interrupt Register (GPIO[0:31])
0x01C6 702C
SET_FAL_TRIG01
GPIO Banks 0 and 1 Set Falling Edge Interrupt Register (GPIO[0:31])
0x01C6 7030
CLR_FAL_TRIG01
GPIO Banks 0 and 1 Clear Falling Edge Interrupt Register (GPIO[0:31])
0x01C6 7034
INSTAT01
GPIO Banks 0 and 1 Interrupt Status Register (GPIO[0:31])
GPIO Banks 2 and 3
0x01C6 7038
DIR23
GPIO Banks 2 and 3 Direction Register (GPIO[32:63])
0x01C6 703C
OUT_DATA23
GPIO Banks 2 and 3 Output Data Register (GPIO[32:63])
0x01C6 7040
SET_DATA23
GPIO Banks 2 and 3 Set Data Register (GPIO[32:63])
0x01C6 7044
CLR_DATA23
GPIO Banks 2 and 3 Clear Data Register (GPIO[32:63])
0x01C6 7048
IN_DATA23
GPIO Banks 2 and 3 Input Data Register (GPIO[32:63])
0x01C6 704C
SET_RIS_TRIG23
GPIO Banks 2 and 3 Set Rising Edge Interrupt Register (GPIO[32:63])
0x01C6 7050
CLR_RIS_TRIG23
GPIO Banks 2 and 3 Clear Rising Edge Interrupt Register (GPIO[32:63])
0x01C6 7054
SET_FAL_TRIG23
GPIO Banks 2 and 3 Set Falling Edge Interrupt Register (GPIO[32:63])
0x01C6 7058
CLR_FAL_TRIG23
GPIO Banks 2 and 3 Clear Falling Edge Interrupt Register (GPIO[32:63])
0x01C6 705C
INSTAT23
GPIO Banks 2 and 3 Interrupt Status Register (GPIO[32:63])
GPIO Bank 4
0x01C6 7060
DIR4
GPIO Bank 4 Direction Register (GPIO[64:70])
0x01C6 7064
OUT_DATA4
GPIO Bank 4 Output Data Register (GPIO[64:70])
0x01C6 7068
SET_DATA4
GPIO Bank 4 Set Data Register (GPIO[64:70])
0x01C6 706C
CLR_DATA4
GPIO Bank 4 Clear Data Register (GPIO[64:70])
0x01C6 7070
IN_DATA4
GPIO Bank 4 Input Data Register (GPIO[64:70])
0x01C6 7074
SET_RIS_TRIG4
GPIO Bank 4 Set Rising Edge Interrupt Register (GPIO[64:70])
0x01C6 7078
CLR_RIS_TRIG4
GPIO Bank 4 Clear Rising Edge Interrupt Register (GPIO[64:70])
0x01C6 707C
SET_FAL_TRIG4
GPIO Bank 4 Set Falling Edge Interrupt Register (GPIO[64:70])
0x01C6 7080
CLR_FAL_TRIG4
GPIO Bank 4 Clear Falling Edge Interrupt Register (GPIO[64:70])
0x01C6 7084
INSTAT4
GPIO Bank 4 Interrupt Status Register (GPIO[64:70])
0x01C6 7088 - 0x01C6 7FFF
-
Reserved
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
117
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com