Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALIF2 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 55Page - STMicroelectronics ST7DALIF2 Datasheet HTML 56Page - STMicroelectronics ST7DALIF2 Datasheet HTML 57Page - STMicroelectronics ST7DALIF2 Datasheet HTML 58Page - STMicroelectronics ST7DALIF2 Datasheet HTML 59Page - STMicroelectronics ST7DALIF2 Datasheet HTML 60Page - STMicroelectronics ST7DALIF2 Datasheet HTML 61Page - STMicroelectronics ST7DALIF2 Datasheet HTML 62Page - STMicroelectronics ST7DALIF2 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 171 page
background image
ST7DALIF2
Power saving modes
59/171
Bit 2 = AWUF Auto Wake Up Flag
This bit is set by hardware when the AWU module generates an interrupt and cleared by
software on reading AWUCSR. Writing to this bit does not change its value.
0: No AWU interrupt occurred
1: AWU interrupt occurred
Bit 1= AWUM Auto Wake Up Measurement
This bit enables the AWU RC oscillator and connects its output to the input capture of the
12-bit Auto-Reload timer. This allows the timer to be used to measure the AWU RC oscillator
dispersion and then compensate this dispersion by providing the right value in the AWUPRE
register.
0: Measurement disabled
1: Measurement enabled
Bit 0 = AWUEN Auto Wake Up From Halt Enabled
This bit enables the Auto Wake Up From Halt feature: once Halt mode is entered, the
AWUFH wakes up the microcontroller after a time delay dependent on the AWU prescaler
value. It is set and cleared by software.
0: AWUFH (Auto Wake Up From Halt) mode disabled
1: AWUFH (Auto Wake Up From Halt) mode enabled
AWUFH prescaler register (AWUPR)
Read/Write
Reset Value: 1111 1111 (FFh)
Bits 7:0= AWUPR[7:0] Auto Wake Up Prescaler
These 8 bits define the AWUPR Dividing factor (as explained below):
In AWU mode, the period that the MCU stays in Halt Mode (tAWU in Figure 28 on page 57) is
defined by
This prescaler register can be programmed to modify the time that the MCU stays in Halt
mode before waking up automatically.
7
0
AWUPR7
AWUPR6
AWUPR5
AWUPR4
AWUPR3
AWUPR2
AWUPR1
AWUPR0
Table 22.
AWU prescaler
AWUPR[7:0]
Dividing factor
00h
Forbidden
01h
1
...
...
FEh
254
FFh
255
t
AWU
64
AWUPR
×
1
f
AWURC
--------------------------t
RCSTRT
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com