Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALIF2 Datasheet(PDF) 80 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 76Page - STMicroelectronics ST7DALIF2 Datasheet HTML 77Page - STMicroelectronics ST7DALIF2 Datasheet HTML 78Page - STMicroelectronics ST7DALIF2 Datasheet HTML 79Page - STMicroelectronics ST7DALIF2 Datasheet HTML 80Page - STMicroelectronics ST7DALIF2 Datasheet HTML 81Page - STMicroelectronics ST7DALIF2 Datasheet HTML 82Page - STMicroelectronics ST7DALIF2 Datasheet HTML 83Page - STMicroelectronics ST7DALIF2 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 171 page
background image
12-bit autoreload timer 2 (AT2)
ST7DALIF2
80/171
Bit 1 = OPx PWMx Output Polarity.
This bit is read/write by software and cleared by hardware after a reset. This bit selects the
polarity of the PWM signal.
0: The PWM signal is not inverted.
1: The PWM signal is inverted.
Bit 0 = CMPFx PWMx Compare Flag.
This bit is set by hardware and cleared by software by reading the PWMxCSR register. It
indicates that the upcounter value matches the DCRx register value.
0: Upcounter value does not match DCR value.
1: Upcounter value matches DCR value.
14.6.8
Break control register (BREAKCR)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:6 = Reserved. Forced by hardware to 0.
Bit 5 = BA Break Active.
This bit is read/write by software, cleared by hardware after reset and set by hardware when
the BREAK pin is low. It activates/deactivates the Break function.
0: Break not active
1: Break active
Bit 4 = BPEN Break Pin Enable.
This bit is read/write by software and cleared by hardware after Reset.
0: Break pin disabled
1: Break pin enabled
Bits 3:0 = PWM[3:0] Break Pattern.
These bits are read/write by software and cleared by hardware after a reset. They are used
to force the four PWMx output signals into a stable state when the Break function is active.
14.6.9
PWMx duty cycle register high (DCRxH)
Read / Write
Reset Value: 0000 0000 (00h)
7
0
0
0
BA
BPEN
PWM3
PWM2
PWM1
PWM0
15
8
0
0
0
0
DCR11
DCR10
DCR9
DCR8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com