Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALIF2 Datasheet(PDF) 93 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 89Page - STMicroelectronics ST7DALIF2 Datasheet HTML 90Page - STMicroelectronics ST7DALIF2 Datasheet HTML 91Page - STMicroelectronics ST7DALIF2 Datasheet HTML 92Page - STMicroelectronics ST7DALIF2 Datasheet HTML 93Page - STMicroelectronics ST7DALIF2 Datasheet HTML 94Page - STMicroelectronics ST7DALIF2 Datasheet HTML 95Page - STMicroelectronics ST7DALIF2 Datasheet HTML 96Page - STMicroelectronics ST7DALIF2 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 171 page
background image
ST7DALIF2
DALI communication module
93/171
If the software asks the DCM to receive a "forward frame", the software must switch the
DCM to Receive state by clearing the RTS bit and setting the RTA bit in the DCMCR register
during the interrupt routine.
If the ITF interrupt flag is set in the DCMCSR register, the software must set the RTA bit in
the DCMCR register to allow the DCM to perform the next DALI signal reception or
transmission.
The DALIIN signal is always taken into account by the 4-bit pre-shifter.
16.6
Special functions
16.6.1
Forced transmission (test mode)
The DCM must receive a "forward frame" before sending back a "backward frame". But it is
possible to force the DCM into Transmit state by setting the FTS bit in the DCMCR register.
The DCMBD register will be shifted out in DALI format, the Most Significant Bit-first.
Preferably before forcing the DCM into Transmit state, the user should reset/set the DCME
bit in the DCMCR register. An interrupt flag will be generated after a forced transmission (the
ITF bit in the DCMCSR register).
Procedure:
– Reset the DCME bit in the DCMCR register.
– Write the backward value in the DCMBD register.
– Set both the DCME and the FTS bits in the DCMCR register.
– When an interrupt is generated (end of transmission, the ITF bit is set in the
DCMCSR register), set the RTA bit in the DCMCR register to re-start a transmission.
– To return to normal DALI communications, reset/set the DCME bit and reset the FTS
bit in the DCMCR register.
16.6.2
Normal transmission
After the "forward frame" reception, the software must write the backward data byte to the
DCMBD register and set both the RTS and RTA bits in the DCMCR register to start the
transmission.
It is not possible to send a backward frame just after having sent a backward frame (see
DALI standard protocol).
16.6.3
DCM enable
The user can enable or disable the DCM by writing the DCME bit in the DCMCR register.
This bit is also used to reset the entire internal finite state machine.
16.7
DALI interface failure
If the DALI input signal is set to low level for a 2-bit period (1.66 ms), then the DCM
generates an error flag by setting the EF bit in the DCMCSR register. This bit can be cleared
by reading the DCMCSR register. The interface failure is detected if the DCM is in Receive
state only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com