Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALIF2 Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 68Page - STMicroelectronics ST7DALIF2 Datasheet HTML 69Page - STMicroelectronics ST7DALIF2 Datasheet HTML 70Page - STMicroelectronics ST7DALIF2 Datasheet HTML 71Page - STMicroelectronics ST7DALIF2 Datasheet HTML 72Page - STMicroelectronics ST7DALIF2 Datasheet HTML 73Page - STMicroelectronics ST7DALIF2 Datasheet HTML 74Page - STMicroelectronics ST7DALIF2 Datasheet HTML 75Page - STMicroelectronics ST7DALIF2 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 171 page
background image
12-bit autoreload timer 2 (AT2)
ST7DALIF2
72/171
14
12-bit autoreload timer 2 (AT2)
14.1
Introduction
The 12-bit Autoreload Timer can be used for general-purpose timing functions. It is based
on a free-running 12-bit upcounter with an input capture register and four PWM output
channels. There are 6 external pins:
●
Four PWM outputs
●
ATIC pin for the Input Capture function
●
BREAK pin for forcing a break condition on the PWM outputs
14.2
Main features
■ 12-bit upcounter with 12-bit autoreload register (ATR)
■ Maskable overflow interrupt
■ Generation of four independent PWMx signals
■ Frequency 2 kHz-4 MHz (@ 8 MHz fCPU)
– Programmable duty-cycles
– Polarity control
– Programmable output modes
– Maskable Compare interrupt
■ Input Capture
– 12-bit input capture register (ATICR)
– Triggered by rising and falling edges
– Maskable IC interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com