Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALIF2 Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 59Page - STMicroelectronics ST7DALIF2 Datasheet HTML 60Page - STMicroelectronics ST7DALIF2 Datasheet HTML 61Page - STMicroelectronics ST7DALIF2 Datasheet HTML 62Page - STMicroelectronics ST7DALIF2 Datasheet HTML 63Page - STMicroelectronics ST7DALIF2 Datasheet HTML 64Page - STMicroelectronics ST7DALIF2 Datasheet HTML 65Page - STMicroelectronics ST7DALIF2 Datasheet HTML 66Page - STMicroelectronics ST7DALIF2 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 171 page
background image
ST7DALIF2
I/O ports
63/171
12.2.3
Alternate functions
Many ST7s I/Os have one or more alternate functions. These may include output signals
from, or input signals to, on-chip peripherals. The Table 2: Device pin description on page 14
describes which peripheral signals can be input/output to which ports.
A signal coming from an on-chip peripheral can be output on an I/O. To do this, enable the
on-chip peripheral as an output (enable bit in the peripheral’s control register). The
peripheral configures the I/O as an output and takes priority over standard I/O programming.
The I/O’s state is readable by addressing the corresponding I/O data register.
Configuring an I/O as floating enables alternate function input. It is not recommended to
configure an I/O as pull-up as this will increase current consumption. Before using an I/O as
an alternate input, configure it without interrupt. Otherwise spurious interrupts can occur.
Configure an I/O as input floating for an on-chip peripheral signal which can be input and
output.
Caution:
I/Os which can be configured as both an analog and digital alternate function need special
attention. The user must control the peripherals so that the signals do not arrive at the same
time on the same pin. If an external clock is used, only the clock alternate function should be
employed on that I/O pin and not the other alternate function.
Figure 30.
I/O port general block diagram
DR
DDR
OR
PAD
VDD
ALTERNATE
ENABLE
ALTERNATE
OUTPUT
1
0
OR SEL
DDR SEL
DR SEL
PULL-UP
CONDITION
P-BUFFER
(see table below)
N-BUFFER
PULL-UP
(see table below)
1
0
ANALOG
INPUT
If implemented
ALTERNATE
INPUT
VDD
DIODES
(see table below)
FROM
OTHER
BITS
EXTERNAL
REQUEST (eix)
INTERRUPT
SENSITIVITY
SELECTION
CMOS
SCHMITT
TRIGGER
REGISTER
ACCESS
BIT
From on-chip periphera
l
To on-chip peripheral
Note: Refer to the Port Configuration
table for device specific information.
Combinational
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com