Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALIF2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 1 Page - STMicroelectronics

  ST7DALIF2 Datasheet HTML 1Page - STMicroelectronics ST7DALIF2 Datasheet HTML 2Page - STMicroelectronics ST7DALIF2 Datasheet HTML 3Page - STMicroelectronics ST7DALIF2 Datasheet HTML 4Page - STMicroelectronics ST7DALIF2 Datasheet HTML 5Page - STMicroelectronics ST7DALIF2 Datasheet HTML 6Page - STMicroelectronics ST7DALIF2 Datasheet HTML 7Page - STMicroelectronics ST7DALIF2 Datasheet HTML 8Page - STMicroelectronics ST7DALIF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 171 page
background image
February 2009
Rev 3
1/171
171
ST7DALIF2
8-bit MCU family with single voltage Flash memory,
data EEPROM, ADC, timers, SPI, DALI
Features
■ Memories
– 8 Kbytes single voltage Flash Program
memory with readout protection, In-Circuit
Programming and In-Application
programming (ICP and IAP). 10K
write/erase cycles guaranteed, data
retention: 20 years at 55°C.
– 384 bytes RAM
– 256 bytes data EEPROM with readout
protection. 300K write/erase cycles
guaranteed, data retention: 20 yrs at 55°C.
■ Clock, reset and supply management
– Enhanced reset system
– Enhanced low voltage supervisor (LVD) for
main supply and an auxiliary voltage
detector (AVD) with interrupt capability for
implementing safe power-down procedures
– Clock sources: Internal 1% RC oscillator,
crystal/ceramic resonator or external clock
– Internal 32 MHz input clock for Auto-reload
timer
– Optional x4 or x8 PLL for 4 or 8 MHz
internal clock
– 5 power saving modes: Halt, Active-halt,
Wait and Slow, Auto Wake Up From Halt
■ I/O ports
– Up to 15 multifunctional bidirectional I/Os
–7 high sink outputs
■ 4 timers
– Configurable watchdog timer
– Two 8-bit Lite timers with prescaler,
watchdog, 1 real-time base and 1 input
capture
– 12-bit auto-reload timer with 4 PWM
outputs, input capture and output compare
functions
■ 2 communication interfaces
– SPI synchronous serial interface
– DALI communication interface
■ Interrupt management
– 10 interrupt vectors plus TRAP and RESET
– 15 external interrupt lines (on 4 vectors)
■ A/D converter
– 7 input channels
– Fixed gain op-amp
– 13-bit resolution for 0 to 430 mV (@ 5 V
VDD)
– 10-bit resolution for 430 mV to 5 V (@ 5 V
VDD)
■ Instruction set
– 8-bit data manipulation
– 63 basic instructions with illegal opcode
detection
– 17 main addressing modes
– 8 x 8 unsigned multiply instructions
■ Development tools
– Full hardware/software development
package
– DM (Debug module)
SO20
300”
www.st.com


Similar Part No. - ST7DALIF2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
19-Nov-2004
ST7DALI-EVAL STMICROELECTRONICS-ST7DALI-EVAL Datasheet
59Kb / 3P
ST7DALI-EVAL evaluation kit
22-Nov-2010
More results

Similar Description - ST7DALIF2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
WATCHDOG TIMER
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
WATCHDOG TIMER
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
Watchdog Timer
HA1835P HITACHI-HA1835P Datasheet
59Kb / 13P
Watchdog Timer
logo
Renesas Technology Corp
M5295AL RENESAS-M5295AL Datasheet
165Kb / 13P
Watchdog Timer
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
Watchdog Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
CMOS Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX622-831-FL AXIOMTEK-EBOX622-831-FL Datasheet
327Kb / 1P
Watchdog Timer
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com