Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALIF2 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 29Page - STMicroelectronics ST7DALIF2 Datasheet HTML 30Page - STMicroelectronics ST7DALIF2 Datasheet HTML 31Page - STMicroelectronics ST7DALIF2 Datasheet HTML 32Page - STMicroelectronics ST7DALIF2 Datasheet HTML 33Page - STMicroelectronics ST7DALIF2 Datasheet HTML 34Page - STMicroelectronics ST7DALIF2 Datasheet HTML 35Page - STMicroelectronics ST7DALIF2 Datasheet HTML 36Page - STMicroelectronics ST7DALIF2 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 171 page
background image
ST7DALIF2
Supply, reset and clock management
33/171
Note:
1
Section 20: Electrical characteristics on page 127 for more information on the frequency
and accuracy of the RC oscillator.
2
To improve clock stability and frequency accuracy, it is recommended to place a decoupling
capacitor, typically 100nF, between the VDD and VSS pins as close as possible to the ST7
device.
3
These two bytes are systematically programmed by ST, including on FASTROM devices.
Consequently, customers intending to use FASTROM service must not use these two bytes.
4
RCCR0 and RCCR1 calibration values will be erased if the readout protection bit is reset
after it has been set. See Readout protection on page 21
Caution:
If the voltage or temperature conditions change in the application, the frequency may need
to be recalibrated.
Refer to application note AN1324 for information on how to calibrate the RC frequency using
an external reference signal.
9.3
Phase locked loop
The PLL can be used to multiply a 1 MHz frequency from the RC oscillator or the external
clock by 4 or 8 to obtain fOSC2 of 4 or 8 MHz. The PLL is enabled and the multiplication
factor of 4 or 8 is selected by 2 option bits.
●
The x4 PLL is intended for operation with VDD in the 2.4 V to 3.3 V range
●
The x8 PLL is intended for operation with VDD in the 3.3 V to 5.5 V range
Refer to Section 22.1 on page 161 for the option byte description.
If the PLL is disabled and the RC oscillator is enabled, then fOSC2 = 1 MHz.
If both the RC oscillator and the PLL are disabled, fOSC is driven by the external clock.
Table 9.
RC control registers
RCCR
Conditions
ST7DALI address
RCCR0
VDD=5V
TA=25°C
fRC=1MHz
1000h
and FFDEh
RCCR1
VDD=3V
TA=25°C
fRC=700KHz
1001h
and FFDFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com