Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALIF2 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 15Page - STMicroelectronics ST7DALIF2 Datasheet HTML 16Page - STMicroelectronics ST7DALIF2 Datasheet HTML 17Page - STMicroelectronics ST7DALIF2 Datasheet HTML 18Page - STMicroelectronics ST7DALIF2 Datasheet HTML 19Page - STMicroelectronics ST7DALIF2 Datasheet HTML 20Page - STMicroelectronics ST7DALIF2 Datasheet HTML 21Page - STMicroelectronics ST7DALIF2 Datasheet HTML 22Page - STMicroelectronics ST7DALIF2 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 171 page
background image
ST7DALIF2
Flash program memory
19/171
6
Flash program memory
6.1
Introduction
The ST7 single voltage extended Flash (XFlash) is a non-volatile memory that can be
electrically erased and programmed either on a byte-by-byte basis or up to 32 bytes in
parallel.
The XFlash devices can be programmed off-board (plugged in a programming tool) or on-
board using In-Circuit Programming or In-Application Programming.
The array matrix organization allows each sector to be erased and reprogrammed without
affecting other sectors.
6.2
Main features
●
ICP (In-Circuit Programming)
●
IAP (In-Application Programming)
●
ICT (In-Circuit Testing) for downloading and executing user application test patterns in
RAM
●
Sector 0 size configurable by option byte
●
Readout and write protection
6.3
Programming modes
The ST7 can be programmed in three different ways:
●
Insertion in a programming tool. In this mode, FLASH sectors 0 and 1, option byte row
and data EEPROM (if present) can be programmed or erased.
●
In-Circuit Programming. In this mode, FLASH sectors 0 and 1, option byte row and data
EEPROM (if present) can be programmed or erased without removing the device from
the application board.
●
In-Application Programming. In this mode, sector 1 and data EEPROM (if present) can
be programmed or erased without removing the device from the application board and
while the application is running.
6.3.1
In-circuit programming (ICP)
ICP uses a protocol called ICC (In-Circuit Communication) which allows an ST7 plugged on
a printed circuit board (PCB) to communicate with an external programming device
connected via cable. ICP is performed in three steps:
Switch the ST7 to ICC mode (In-Circuit Communications). This is done by driving a specific
signal sequence on the ICCCLK/DATA pins while the RESET pin is pulled low. When the
ST7 enters ICC mode, it fetches a specific RESET vector which points to the ST7 System
Memory containing the ICC protocol routine. This routine enables the ST7 to receive bytes
from the ICC interface.
●
Download ICP Driver code in RAM from the ICCDATA pin
●
Execute ICP Driver code in RAM to program the FLASH memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com