Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALIF2 Datasheet(PDF) 85 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 81Page - STMicroelectronics ST7DALIF2 Datasheet HTML 82Page - STMicroelectronics ST7DALIF2 Datasheet HTML 83Page - STMicroelectronics ST7DALIF2 Datasheet HTML 84Page - STMicroelectronics ST7DALIF2 Datasheet HTML 85Page - STMicroelectronics ST7DALIF2 Datasheet HTML 86Page - STMicroelectronics ST7DALIF2 Datasheet HTML 87Page - STMicroelectronics ST7DALIF2 Datasheet HTML 88Page - STMicroelectronics ST7DALIF2 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 171 page
background image
ST7DALIF2
Lite timer 2 (LT2)
85/171
15.3
Functional description
15.3.1
Timebase counter 1
The 8-bit value of Counter 1 cannot be read or written by software. After an MCU reset, it
starts incrementing from 0 at a frequency of fOSC2/32. An overflow event occurs when the
counter rolls over from F9h to 00h. If fOSC2 = 8 MHz, then the time period between two
counter overflow events is 1 ms. This period can be doubled by setting the TB bit in the
LTCSR1 register.
When Counter 1 overflows, the TB1F bit is set by hardware and an interrupt request is
generated if the TB1IE bit is set. The TB1F bit is cleared by software reading the LTCSR1
register.
15.3.2
Input capture
The 8-bit input capture register is used to latch the free-running upcounter (Counter 1) 1
after a rising or falling edge is detected on the LTIC pin. When an input capture occurs, the
ICF bit is set and the LTICR1 register contains the MSB of Counter 1. An interrupt is
generated if the ICIE bit is set. The ICF bit is cleared by reading the LTICR register.
The LTICR is a read-only register and always contains the data from the last input capture.
Input capture is inhibited if the ICF bit is set.
15.3.3
Timebase counter 2
Counter 2 is an 8-bit autoreload upcounter. It can be read by accessing the LTCNTR
register. After an MCU reset, it increments at a frequency of fOSC2/32 starting from the value
stored in the LTARR register. A counter overflow event occurs when the counter rolls over
from FFh to the LTARR reload value. Software can write a new value at anytime in the
LTARR register, this value will be automatically loaded in the counter when the next overflow
occurs.
When Counter 2 overflows, the TB2F bit in the LTCSR2 register is set by hardware and an
interrupt request is generated if the TB2IE bit is set. The TB2F bit is cleared by software
reading the LTCSR2 register.
Figure 40.
Input capture timing diagram.
04h
8-bit COUNTER 1
t
01h
fOSC2/32
xxh
02h
03h
05h
06h
07h
04h
LTIC PIN
ICF FLAG
LTICR REGISTER
CLEARED
4µs
(@ 8MHz fOSC2)
fCPU
BY S/W
07h
READING
LTIC REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com