Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALIF2 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 37Page - STMicroelectronics ST7DALIF2 Datasheet HTML 38Page - STMicroelectronics ST7DALIF2 Datasheet HTML 39Page - STMicroelectronics ST7DALIF2 Datasheet HTML 40Page - STMicroelectronics ST7DALIF2 Datasheet HTML 41Page - STMicroelectronics ST7DALIF2 Datasheet HTML 42Page - STMicroelectronics ST7DALIF2 Datasheet HTML 43Page - STMicroelectronics ST7DALIF2 Datasheet HTML 44Page - STMicroelectronics ST7DALIF2 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 171 page
background image
ST7DALIF2
Supply, reset and clock management
41/171
The LVD Reset circuitry generates a reset when VDD is below:
●
VIT+(LVD)when VDD is rising
●
VIT-(LVD) when VDD is falling
The LVD function is illustrated in Figure 16.
The voltage threshold can be configured by option byte to be low, medium or high.
Provided the minimum VDD value (guaranteed for the oscillator frequency) is above VIT-(LVD),
the MCU can only be in two modes:
●
Under full software control
●
In static safe reset
In these conditions, secure operation is always ensured for the application without the need
for external reset hardware.
During a Low Voltage Detector Reset, the RESET pin is held low, thus permitting the MCU
to reset other devices.
Note:
1
The LVD allows the device to be used without any external RESET circuitry.
2
The LVD is an optional function which can be selected by option byte.
3
Use of LVD with capacitive power supply: with this type of power supply, if power cuts occur
in the application, it is recommended to pull VDD down to 0V to ensure optimum restart
conditions. Refer to circuit example in Figure 87 on page 150 and note 4.
4
It is recommended to make sure that the VDD supply voltage rises monotonously when the
device is exiting from Reset, to ensure the application functions properly.
Figure 16.
Low voltage detector vs reset
VDD
VIT+(LVD)
RESET
VIT-(LVD)
Vhys



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com