Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALIF2 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 11Page - STMicroelectronics ST7DALIF2 Datasheet HTML 12Page - STMicroelectronics ST7DALIF2 Datasheet HTML 13Page - STMicroelectronics ST7DALIF2 Datasheet HTML 14Page - STMicroelectronics ST7DALIF2 Datasheet HTML 15Page - STMicroelectronics ST7DALIF2 Datasheet HTML 16Page - STMicroelectronics ST7DALIF2 Datasheet HTML 17Page - STMicroelectronics ST7DALIF2 Datasheet HTML 18Page - STMicroelectronics ST7DALIF2 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 171 page
background image
ST7DALIF2
Pin description
15/171
11 PA7/DALIOUT
I/O CT HS X
ei1
XX
Port A7
DALI Output
12
PA6 /MCO/
ICCCLK/BREAK
I/O
CT
XX
X
Port A6
Main Clock Output or In Circuit
Communication Clock
or External BREAK
Caution: During normal operation this
pin must be pulled- up, internally or
externally (external pull-up of 10k
mandatory in noisy environment). This
is to avoid entering ICC mode
unexpectedly during a reset. In the
application, even if the pin is
configured as output, any reset will put
it back in input pull-up.
13
PA5 /ATPWM3/
ICCDATA
I/O CT HS X
X
X
Port A5
Auto-Reload Timer PWM3 or In Circuit
Communication Data
14 PA4/ATPWM2
I/O CT HS X
X
X
Port A4
Auto-Reload Timer PWM2
15 PA3/ATPWM1
I/O CT HS X
ei0
XX
Port A3
Auto-Reload Timer PWM1
16 PA2/ATPWM0
I/O CT HS X
X
X
Port A2
Auto-Reload Timer PWM0
17 PA1/ATIC
I/O CT HS X
X
X
Port A1
Auto-Reload Timer Input Capture
18 PA0 /LTIC
I/O CT HS X
X
X
Port A0
Lite Timer Input Capture
19 OSC2
O
Resonator oscillator inverter output
20 OSC1/CLKIN
I
Resonator oscillator inverter input or External
clock input
Table 2.
Device pin description (continued)
Pin
no.
Pin name
Level
Port / control
Main
function
(after
reset)
Alternate function
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com