Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALIF2 Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 72Page - STMicroelectronics ST7DALIF2 Datasheet HTML 73Page - STMicroelectronics ST7DALIF2 Datasheet HTML 74Page - STMicroelectronics ST7DALIF2 Datasheet HTML 75Page - STMicroelectronics ST7DALIF2 Datasheet HTML 76Page - STMicroelectronics ST7DALIF2 Datasheet HTML 77Page - STMicroelectronics ST7DALIF2 Datasheet HTML 78Page - STMicroelectronics ST7DALIF2 Datasheet HTML 79Page - STMicroelectronics ST7DALIF2 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 171 page
background image
12-bit autoreload timer 2 (AT2)
ST7DALIF2
76/171
Figure 37.
Block diagram of break function
14.3.4
Input capture
The 12-bit ATICR register is used to latch the value of the 12-bit free running upcounter after
a rising or falling edge is detected on the ATIC pin. When an input capture occurs, the ICF
bit is set and the ATICR register contains the value of the free running upcounter. An IC
interrupt is generated if the ICIE bit is set. The ICF bit is reset by reading the ATICR register
when the ICF bit is set. The ATICR is a read only register and always contains the free
running upcounter value which corresponds to the most recent input capture. Any further
input capture is inhibited while the ICF bit is set.
Figure 38.
Input capture timing diagram
PWM0
PWM1
PWM2
PWM3
1
0
PWM0
PWM1
PWM2
PWM3
BREAKCR Register
BREAK pin
PWM counter -> Reset value
ARR & DCRx -> Reset value
PWM Mode -> Reset value
When BA is set:
(Active Low)
(Inverters)
Note:
The BREAK pin value is latched by the BA bit.
PWM0
PWM1
PWM2
PWM3
BPEN
BA
COUNTER
t
01h
fCOUNTER
xxh
02h
03h
04h
05h
06h
07h
04h
ATIC PIN
ICF FLAG
ICR REGISTER
INTERRUPT
08h
09h
0Ah
INTERRUPT
ATICR READ
09h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com