Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALIF2 Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 73Page - STMicroelectronics ST7DALIF2 Datasheet HTML 74Page - STMicroelectronics ST7DALIF2 Datasheet HTML 75Page - STMicroelectronics ST7DALIF2 Datasheet HTML 76Page - STMicroelectronics ST7DALIF2 Datasheet HTML 77Page - STMicroelectronics ST7DALIF2 Datasheet HTML 78Page - STMicroelectronics ST7DALIF2 Datasheet HTML 79Page - STMicroelectronics ST7DALIF2 Datasheet HTML 80Page - STMicroelectronics ST7DALIF2 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 171 page
background image
ST7DALIF2
12-bit autoreload timer 2 (AT2)
77/171
14.4
Low power modes
14.5
Interrupts
14.6
Register description
14.6.1
Timer control status register (ATCSR)
Read / Write
Reset Value: 0x00 0000 (x0h)
Bit 7 = Reserved.
Bit 6 = ICF Input Capture Flag.
This bit is set by hardware and cleared by software by reading the ATICR register (a read
access to ATICRH or ATICRL will clear this flag). Writing to this bit does not change the bit
value.
0: No input capture
1: An input capture has occurred
Bit 5 = ICIE IC Interrupt Enable.
This bit is set and cleared by software.
0: Input capture interrupt disabled
1: Input capture interrupt enabled
Table 36.
Effect of low power modes on AT2 timer
Mode
Description
Slow
The input frequency is divided by 32
Wait
No effect on AT timer
Active-halt
AT timer halted except if CK0=1, CK1=0 and OVFIE=1
Halt
AT timer halted
Table 37.
AT2 timer interrupt control bits
Interrupt event(1)
1.
The CMP and IC events are connected to the same interrupt vector. The OVF event is mapped on a
separate vector (see Table 15: Interrupt mapping). They generate an interrupt if the enable bit is set in the
ATCSR register and the interrupt mask in the CC register is reset (RIM instruction).
Event
flag
Enable
control
bit
Exit
from
Wait
Exit
from
Halt
Exit
from
Active-halt
Overflow event
OVF
OVIE
Yes
No
Yes(2)
2.
Only if CK0=1 and CK1=0 (fCOUNTER = fLTIMER)
IC event
ICF
ICIE
Yes
No
No
CMP event
CMPF0
CMPIE
Yes
No
No
76
0
0
ICF
ICIE
CK1
CK0
OVF
OVFIE
CMPIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com