Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALIF2 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 10Page - STMicroelectronics ST7DALIF2 Datasheet HTML 11Page - STMicroelectronics ST7DALIF2 Datasheet HTML 12Page - STMicroelectronics ST7DALIF2 Datasheet HTML 13Page - STMicroelectronics ST7DALIF2 Datasheet HTML 14Page - STMicroelectronics ST7DALIF2 Datasheet HTML 15Page - STMicroelectronics ST7DALIF2 Datasheet HTML 16Page - STMicroelectronics ST7DALIF2 Datasheet HTML 17Page - STMicroelectronics ST7DALIF2 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 171 page
background image
Pin description
ST7DALIF2
14/171
Legend / Abbreviations for Table 2:
Type:
I = input, O = output, S = supply
In/Output level:
CT= CMOS 0.3VDD/0.7VDD with input trigger
Output level:
HS = 20mA high sink (on N-buffer only)
Port and control configuration:
●
Input:
float = floating, wpu = weak pull-up, int = interrupt, ana = analog
●
Output:
OD = open drain, PP = push-pull
The RESET configuration of each pin is shown in bold which is valid as long as the device is
in reset state.
Table 2.
Device pin description
Pin
no.
Pin name
Level
Port / control
Main
function
(after
reset)
Alternate function
Input
Output
1VSS
S
Ground
2VDD
S
Main power supply
3
RESET
I/O CT
X
X
Top priority non maskable interrupt (active low)
4
PB0/AIN0/SS
I/O
CT
X
ei3
XX
X
Port B0
ADC Analog Input 0 or SPI Slave
Select (active low)
Caution: No negative current injection
allowed on this pin. For details, refer to
Section 20.2 on page 128
5
PB1/AIN1/SCK
I/O
CT
XX
X
X
Port B1
ADC Analog Input 1 or SPI Serial
Clock
Caution: No negative current injection
allowed on this pin. For details, refer to
Section 20.2 on page 128
6
PB2/AIN2/MISO
I/O
CT
XX
X
X
Port B2
ADC Analog Input 2 or SPI Master In/
Slave Out Data
7
PB3/AIN3/MOSI
I/O
CT
X
ei2
XX
X
Port B3
ADC Analog Input 3 or SPI Master Out
/ Slave In Data
8
PB4/AIN4/CLKIN
I/O
CT
XX
X
X
Port B4
ADC Analog Input 4 or External clock
input
9
PB5/AIN5
I/O
CT
XX
X
X
Port B5
ADC Analog Input 5
10 PB6/AIN6/DALIIN
I/O
CT
XX
X
X
Port B6
ADC Analog Input 6 or DALI Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com