Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALIF2 Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 65Page - STMicroelectronics ST7DALIF2 Datasheet HTML 66Page - STMicroelectronics ST7DALIF2 Datasheet HTML 67Page - STMicroelectronics ST7DALIF2 Datasheet HTML 68Page - STMicroelectronics ST7DALIF2 Datasheet HTML 69Page - STMicroelectronics ST7DALIF2 Datasheet HTML 70Page - STMicroelectronics ST7DALIF2 Datasheet HTML 71Page - STMicroelectronics ST7DALIF2 Datasheet HTML 72Page - STMicroelectronics ST7DALIF2 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 171 page
background image
ST7DALIF2
Watchdog timer (WDG)
69/171
13
Watchdog timer (WDG)
13.1
Introduction
The Watchdog timer is used to detect the occurrence of a software fault, usually generated
by external interference or by unforeseen logical conditions, which causes the application
program to abandon its normal sequence. The Watchdog circuit generates an MCU reset on
expiry of a programmed time period, unless the program refreshes the counter’s contents
before the T6 bit becomes cleared.
13.2
Main features
■ Programmable free-running downcounter (64 increments of 16000 CPU cycles)
■ Programmable reset
■ Reset (if watchdog activated) when the T6 bit reaches zero
■ Optional reset on HALT instruction (configurable by option byte)
■ Hardware Watchdog selectable by option byte
13.3
Functional description
The counter value stored in the CR register (bits T[6:0]), is decremented every 16000
machine cycles, and the length of the timeout period can be programmed by the user in 64
increments.
If the watchdog is activated (the WDGA bit is set) and when the 7-bit timer (bits T[6:0]) rolls
over from 40h to 3Fh (T6 becomes cleared), it initiates a reset cycle pulling low the reset pin
for typically 30 µs.
Figure 32.
Watchdog block diagram
The application program must write in the CR register at regular intervals during normal
operation to prevent an MCU reset. This downcounter is free-running: it counts down even if
RESET
WDGA
7-BIT DOWNCOUNTER
fCPU
T6
T0
CLOCK DIVIDER
WATCHDOG CONTROL REGISTER (CR)
÷16000
T1
T2
T3
T4
T5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com