Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALIF2 Datasheet(PDF) 79 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 75Page - STMicroelectronics ST7DALIF2 Datasheet HTML 76Page - STMicroelectronics ST7DALIF2 Datasheet HTML 77Page - STMicroelectronics ST7DALIF2 Datasheet HTML 78Page - STMicroelectronics ST7DALIF2 Datasheet HTML 79Page - STMicroelectronics ST7DALIF2 Datasheet HTML 80Page - STMicroelectronics ST7DALIF2 Datasheet HTML 81Page - STMicroelectronics ST7DALIF2 Datasheet HTML 82Page - STMicroelectronics ST7DALIF2 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 171 page
background image
ST7DALIF2
12-bit autoreload timer 2 (AT2)
79/171
software should read the counter value in two consecutive read operations. The CNTRH
register can be incremented between the two reads, and in order to be accurate when
fTIMER=fCPU, the software should take this into account when CNTRL and CNTRH are read.
If CNTRL is close to its highest value, CNTRH could be incremented before it is read
When a counter overflow occurs, the counter restarts from the value specified in the ATR
register.
14.6.4
Autoreload register (ATRH)
Read / Write
Reset Value: 0000 0000 (00h)
14.6.5
Autoreload register (ATRL)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 11:0 = ATR[11:0] Autoreload Register.
This is a 12-bit register which is written by software. The ATR register value is automatically
loaded into the upcounter when an overflow occurs. The register value is used to set the
PWM frequency.
14.6.6
PWM output control register (PWMCR)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = OE[3:0] PWMx output enable.
These bits are set and cleared by software and cleared by hardware after a reset.
0: PWM mode disabled. PWMx output alternate function disabled: I/O pin free for general
purpose I/O after an overflow event.
1: PWM mode enabled
14.6.7
PWMx control status register (PWMxCSR)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 7:2= Reserved, must be kept cleared.
15
8
0
0
0
0
ATR11
ATR10
ATR9
ATR8
7
0
ATR7
ATR6
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
7
0
0OE3
0
OE20OE1
0OE0
76
0
000
000
OPx
CMPFx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com