Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALIF2 Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 69Page - STMicroelectronics ST7DALIF2 Datasheet HTML 70Page - STMicroelectronics ST7DALIF2 Datasheet HTML 71Page - STMicroelectronics ST7DALIF2 Datasheet HTML 72Page - STMicroelectronics ST7DALIF2 Datasheet HTML 73Page - STMicroelectronics ST7DALIF2 Datasheet HTML 74Page - STMicroelectronics ST7DALIF2 Datasheet HTML 75Page - STMicroelectronics ST7DALIF2 Datasheet HTML 76Page - STMicroelectronics ST7DALIF2 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 171 page
background image
ST7DALIF2
12-bit autoreload timer 2 (AT2)
73/171
Figure 33.
Block diagram
14.3
Functional description
14.3.1
PWM mode
This mode allows up to four Pulse Width Modulated signals to be generated on the PWMx
output pins. The PWMx output signals can be enabled or disabled using the OEx bits in the
PWMCR register.
PWM frequency and duty cycle
The four PWM signals have the same frequency (fPWM) which is controlled by the counter
period and the ATR register value.
fPWM = fCOUNTER / (4096 - ATR)
Following the above formula,
●
If fCOUNTER is 32 MHz, the maximum value of fPWM is 8 MHz (ATR register value =
4092), the minimum value is 8 kHz (ATR register value = 0)
●
If fCOUNTER is 4 Mhz, the maximum value of fPWM is 2 MHz (ATR register value =
4094),the minimum value is 1 KHz (ATR register value = 0).
Note:
The maximum value of ATR is 4094 because it must be lower than the DCR value which
must be 4095 in this case.
At reset, the counter starts counting from 0.
When a upcounter overflow occurs (OVF event), the preloaded Duty cycle values are
transferred to the Duty Cycle registers and the PWMx signals are set to a high level. When
ATCSR
CMPIE
OVFIE
OVF
CK0
CK1
ICIE
ICF
0
12-BIT AUTORELOAD REGISTER
12-BIT UPCOUNTER
CMPF2
CMPF1
CMPF3
CMPF0
CMP
REQUEST
OVF INTERRUPT
REQUEST
fCPU
ATIC
12-BIT INPUT CAPTURE REGISTER
IC INTERRUPT
REQUEST
ATR
ATICR
fCOUNTER
CNTR
32 MHz
(1 ms
fLTIMER
@ 8MHz)
CMPFx bit
POL-
ARITY
OPx bit
PWMx
COMP-
PARE
fPWM
OEx bit
4 PWM Channels
INTERRUPT
timebase
DCR0H
DCR0L
Preload
Preload
on OVF Event
12-BIT DUTY CYCLE VALUE (shadow)
IF TRAN=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com