Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALIF2 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 17Page - STMicroelectronics ST7DALIF2 Datasheet HTML 18Page - STMicroelectronics ST7DALIF2 Datasheet HTML 19Page - STMicroelectronics ST7DALIF2 Datasheet HTML 20Page - STMicroelectronics ST7DALIF2 Datasheet HTML 21Page - STMicroelectronics ST7DALIF2 Datasheet HTML 22Page - STMicroelectronics ST7DALIF2 Datasheet HTML 23Page - STMicroelectronics ST7DALIF2 Datasheet HTML 24Page - STMicroelectronics ST7DALIF2 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 171 page
background image
ST7DALIF2
Flash program memory
21/171
mode unexpectedly during a reset. In the application, even if the pin is configured as output,
any reset will put it back in input pull-up.
Figure 4.
Typical ICC interface
6.5
Memory protection
There are two different types of memory protection: Read Out Protection and Write/Erase
Protection which can be applied individually.
6.5.1
Readout protection
Readout protection, when selected provides a protection against program memory content
extraction and against write access to Flash memory. Even if no protection can be
considered as totally unbreakable, the feature provides a very high level of protection for a
general purpose microcontroller. Both program and data E2 memory are protected.
In flash devices, this protection is removed by reprogramming the option. In this case, both
program and data E2 memory are automatically erased and the device can be
reprogrammed.
Readout protection selection depends on the device type:
●
In Flash devices it is enabled and removed through the FMP_R bit in the option byte.
●
In ROM devices it is enabled by mask option specified in the Option List.
6.5.2
Flash write/erase protection
Write/erase protection, when set, makes it impossible to both overwrite and erase program
memory. It does not apply to E2 data. Its purpose is to provide advanced security to
applications and prevent any change being made to the memory content.
Caution:
Once set, Write/erase protection can never be removed. A write-protected flash device is no
longer reprogrammable.
Write/erase protection is enabled through the FMP_W bit in the option byte.
ICC CONNECTOR
HE10 CONNECTOR TYPE
APPLICATION
POWER SUPPLY
1
2
4
6
8
10
97
5
3
PROGRAMMING TOOL
ICC CONNECTOR
APPLICATION BOARD
ICC Cable
(See Note 3)
ST7
OPTIONAL
See Note 1 and Caution
See Note 2
APPLICATION
RESET SOURCE
APPLICATION
I/O
(See Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com