Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALIF2 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 14Page - STMicroelectronics ST7DALIF2 Datasheet HTML 15Page - STMicroelectronics ST7DALIF2 Datasheet HTML 16Page - STMicroelectronics ST7DALIF2 Datasheet HTML 17Page - STMicroelectronics ST7DALIF2 Datasheet HTML 18Page - STMicroelectronics ST7DALIF2 Datasheet HTML 19Page - STMicroelectronics ST7DALIF2 Datasheet HTML 20Page - STMicroelectronics ST7DALIF2 Datasheet HTML 21Page - STMicroelectronics ST7DALIF2 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 171 page
background image
Register and memory map
ST7DALIF2
18/171
Legend: x=undefined, R/W=read/write
0034h
0035h
0036h
ADC
ADCCSR
ADCDRH
ADCDRL
A/D Control Status Register
A/D Data Register High
A/D Amplifier Control/Data Low
Register
00h
xxh
0xh
R/W
Read Only
R/W
0037h
ITC
EICR
External Interrupt Control Register
00h
R/W
0038h
MCC
MCCSR
Main Clock Control/Status Register
00h
R/W
0039h
003Ah
Clock
and
Reset
RCCR
SICSR
RC oscillator Control Register
System Integrity Control/Status
Register
FFh
0000 0xx0b
R/W
R/W
003Bh
Reserved area (1 byte)
003Ch
ITC
EISR
External Interrupt Selection Register
0Ch
R/W
003Dh to
003Fh
Reserved area (3 bytes)
0040h
0041h
0042h
0043h
0044h
0045h
DALI
DCMCLK
DCMFA
DCMFD
DCMBD
DCMCR
DCMCSR
DALI Clock Register
DALI Forward Address Register
DALI Forward Data Register
DALI Backward Data Register
DALI Control Register
DALI Control/Status Register
00h
00h
00h
00h
00h
00h
R/W
R/W
R/W
R/W
R/W
R/W
0046h to
0048h
Reserved area (3 bytes)
0049h
004Ah
AWU
AWUPR
AWUCSR
AWU Prescaler Register
AWU Control/Status Register
FFh
00h
R/W
R/W
004Bh
004Ch
004Dh
004Eh
004Fh
0050h
DM(3)
DMCR
DMSR
DMBK1H
DMBK1L
DMBK2H
DMBK2L
DM Control Register
DM Status Register
DM Breakpoint Register 1 High
DM Breakpoint Register 1 Low
DM Breakpoint Register 2 High
DM Breakpoint Register 2 Low
00h
00h
00h
00h
00h
00h
R/W
R/W
R/W
R/W
R/W
R/W
0051h to
007Fh
Reserved area (47 bytes)
1.
The contents of the I/O port DR registers are readable only in output configuration. In input configuration,
the values of the I/O pins are returned instead of the DR register contents.
2.
The bits associated with unavailable pins must always keep their reset value.
3.
For a description of the Debug Module registers, see ST7 ICC Protocol Reference Manual.
Table 3.
Hardware register map (continued)
Address
Block
Register
label
Register name
Reset
status
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com