Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALIF2 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 12Page - STMicroelectronics ST7DALIF2 Datasheet HTML 13Page - STMicroelectronics ST7DALIF2 Datasheet HTML 14Page - STMicroelectronics ST7DALIF2 Datasheet HTML 15Page - STMicroelectronics ST7DALIF2 Datasheet HTML 16Page - STMicroelectronics ST7DALIF2 Datasheet HTML 17Page - STMicroelectronics ST7DALIF2 Datasheet HTML 18Page - STMicroelectronics ST7DALIF2 Datasheet HTML 19Page - STMicroelectronics ST7DALIF2 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 171 page
background image
Register and memory map
ST7DALIF2
16/171
5
Register and memory map
As shown in Figure 3, the MCU is capable of addressing 64K bytes of memories and I/O
registers.
The available memory locations consist of 128 bytes of register locations, 384 bytes of
RAM, 256 bytes of data EEPROM and 8 Kbytes of user program memory. The RAM space
includes up to 128 bytes for the stack from 180h to 1FFh.
The highest address bytes contain the user reset and interrupt vectors.
The Flash memory contains two sectors (see Figure 3) mapped in the upper part of the ST7
addressing space so the reset and interrupt vectors are located in Sector 0 (F000h-FFFFh).
The size of Flash Sector 0 and other device options are configurable by Option byte (refer to
Section 22.1 on page 161).
Note:
IMPORTANT: memory locations marked as “Reserved” must never be accessed. Accessing
a reserved area can have unpredictable effects on the device.
Figure 3.
Memory map
0000h
RAM
Flash Memory
(8K)
Interrupt & Reset Vectors
HW Registers
0080h
007Fh
0FFFh
(see Table 3)
1000h
10FFh
FFE0h
FFFFh
(see Table 15)
0200h
Reserved
01FFh
Short Addressing
RAM (zero page)
128 Bytes Stack
0180h
01FFh
0080h
00FFh
(384 Bytes)
Data EEPROM
(256 Bytes)
E000h
1100h
DFFFh
Reserved
FFDFh
16-bit Addressing
RAM
0100h
017Fh
1 Kbyte
7 Kbytes
SECTOR 1
SECTOR 0
8K FLASH
FFFFh
FC00h
FBFFh
E000h
PROGRAM MEMORY
1000h
1001h
RCCR0
RCCR1
see Section 9.2 on page 32
FFDEh
FFDFh
RCCR0
RCCR1
see Section 9.2 on page 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com