Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALIF2 Datasheet(PDF) 75 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 71Page - STMicroelectronics ST7DALIF2 Datasheet HTML 72Page - STMicroelectronics ST7DALIF2 Datasheet HTML 73Page - STMicroelectronics ST7DALIF2 Datasheet HTML 74Page - STMicroelectronics ST7DALIF2 Datasheet HTML 75Page - STMicroelectronics ST7DALIF2 Datasheet HTML 76Page - STMicroelectronics ST7DALIF2 Datasheet HTML 77Page - STMicroelectronics ST7DALIF2 Datasheet HTML 78Page - STMicroelectronics ST7DALIF2 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 171 page
background image
ST7DALIF2
12-bit autoreload timer 2 (AT2)
75/171
Figure 36.
PWM signal from 0% to 100% duty cycle
14.3.2
Output compare mode
To use this function, load a 12-bit value in the DCRxH and DCRxL registers.
When the 12-bit upcounter (CNTR) reaches the value stored in the DCRxH and DCRxL
registers, the CMPF bit in the PWMxCSR register is set and an interrupt request is
generated if the CMPIE bit is set.
Note:
The output compare function is only available for DCRx values other than 0 (reset value).
14.3.3
Break function
The break function is used to perform an emergency shutdown of the power converter.
The break function is activated by the external BREAK pin (active low). In order to use the
BREAK pin it must be previously enabled by software setting the BPEN bit in the BREAKCR
register.
When a low level is detected on the BREAK pin, the BA bit is set and the break function is
activated.
Software can set the BA bit to activate the break function without using the BREAK pin.
When the break function is activated (BA bit =1):
●
The break pattern (PWM[3:0] bits in the BREAKCR) is forced directly on the PWMx
output pins (after the inverter).
●
The 12-bit PWM counter is set to its reset value.
●
The ARR, DCRx and the corresponding shadow registers are set to their reset values.
●
The PWMCR register is reset.
When the break function is deactivated after applying the break (BA bit goes from 1 to 0 by
software):
●
The control of PWM outputs is transferred to the port registers.
COUNTER
t
FFDh
FFEh
FFFh
FFDh
FFEh
FFFh
FFDh
FFEh
DCRx=000h
DCRx=FFDh
DCRx=FFEh
DCRx=000h
ATR= FFDh
fCOUNTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com