Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALIF2 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 30Page - STMicroelectronics ST7DALIF2 Datasheet HTML 31Page - STMicroelectronics ST7DALIF2 Datasheet HTML 32Page - STMicroelectronics ST7DALIF2 Datasheet HTML 33Page - STMicroelectronics ST7DALIF2 Datasheet HTML 34Page - STMicroelectronics ST7DALIF2 Datasheet HTML 35Page - STMicroelectronics ST7DALIF2 Datasheet HTML 36Page - STMicroelectronics ST7DALIF2 Datasheet HTML 37Page - STMicroelectronics ST7DALIF2 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 171 page
background image
Supply, reset and clock management
ST7DALIF2
34/171
Figure 11.
PLL output frequency timing diagram
When the PLL is started, after reset or wakeup from Halt mode or AWUFH mode, it outputs
the clock after a delay of tSTARTUP.
When the PLL output signal reaches the operating frequency, the LOCKED bit in the
SICSCR register is set. Full PLL accuracy (ACCPLL) is reached after a stabilization time of
tSTAB (see Figure 11 and Section 20.3.3: Internal RC oscillator and PLL on page 131)
Refer to Section 9.7.4 on page 44 for a description of the LOCKED bit in the SICSR register.
9.4
Register description
9.4.1
Main clock control/status register (MCCSR)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 7:2 = Reserved, must be kept cleared.
Bit 1 = MCO Main Clock Out enable
This bit is read/write by software and cleared by hardware after a reset. This bit allows to
enable the MCO output clock.
0: MCO clock disabled, I/O port free for general purpose I/O.
1: MCO clock enabled.
Bit 0 = SMS Slow Mode select
This bit is read/write by software and cleared by hardware after a reset. This bit selects the
input clock fOSC2 or fOSC2/32.
0: Normal mode (fCPU = fOSC2
1: Slow mode (fCPU = fOSC2/32)
4/8 x
freq.
LOCKED bit set
tSTAB
tLOCK
input
tSTARTUP
t
7
0
00000
0
MCO
SMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com