Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALIF2 Datasheet(PDF) 96 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 92Page - STMicroelectronics ST7DALIF2 Datasheet HTML 93Page - STMicroelectronics ST7DALIF2 Datasheet HTML 94Page - STMicroelectronics ST7DALIF2 Datasheet HTML 95Page - STMicroelectronics ST7DALIF2 Datasheet HTML 96Page - STMicroelectronics ST7DALIF2 Datasheet HTML 97Page - STMicroelectronics ST7DALIF2 Datasheet HTML 98Page - STMicroelectronics ST7DALIF2 Datasheet HTML 99Page - STMicroelectronics ST7DALIF2 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 171 page
background image
DALI communication module
ST7DALIF2
96/171
Figure 44.
Example of DALI signal sampling
16.11
Register description
16.11.1
DCM data rate control register (DCMCLK)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = DCMCLK[7:0] Clock Prescaler.
These bits are set/cleared by software and cleared by hardware after a reset.
These 8 bits are used for tuning the DALI data rate. fDATA = fCPU/[(N+1)*16] where N is the
integer value of the DCMCLK register.
16.11.2
DCM forward address register (DCMFA)
Read only
Reset Value: 0000 0000 (00h)
DALI Signal
Edge Trigger
tCPU
tCPU
tCPU
4-bit sample
clock counter
(/16 divider)
0000
0001
1111
0000
xxxx
0000
0000
1111
xxxx
DCMCSR[3:0]
bits
tCPU= f
CPU
m
1
m = (DCMCLK integer value+1) x tCPU
fDALI= 1.2 kHz
N = 207 (DCMCLK)
fCPU= 8 MHz
tCPU = 125ns
m = 26 µs (208 x 125ns)
Example:
Legend:
833.33µs
7
0
CK7
CK6
CK5
CK4
CK3
CK2
CK1
CK0
7
0
FA7
FA6
FA5
FA4
FA3
FA2
FA1
FA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com