Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALIF2 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 31Page - STMicroelectronics ST7DALIF2 Datasheet HTML 32Page - STMicroelectronics ST7DALIF2 Datasheet HTML 33Page - STMicroelectronics ST7DALIF2 Datasheet HTML 34Page - STMicroelectronics ST7DALIF2 Datasheet HTML 35Page - STMicroelectronics ST7DALIF2 Datasheet HTML 36Page - STMicroelectronics ST7DALIF2 Datasheet HTML 37Page - STMicroelectronics ST7DALIF2 Datasheet HTML 38Page - STMicroelectronics ST7DALIF2 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 171 page
background image
ST7DALIF2
Supply, reset and clock management
35/171
9.4.2
RC control register (RCCR)
Read / Write
Reset Value: 1111 1111 (FFh)
Bits 7:0 = CR[7:0] RC Oscillator Frequency Adjustment Bits
These bits must be written immediately after reset to adjust the RC oscillator frequency and
to obtain an accuracy of 1%. The application can store the correct value for each voltage
range in EEPROM and write it to this register at start-up.
00h = maximum available frequency
FFh = lowest available frequency
Note:
To tune the oscillator, write a series of different values in the register until the correct
frequency is reached. The fastest method is to use a dichotomy starting with 80h.
Figure 12.
Clock management block diagram
7
0
CR70
CR60
CR50
CR40
CR30
CR20
CR10
CR
0
CR4
CR7
CR0
CR1
CR2
CR3
CR6
CR5
RCCR
fOSC2
MCCSR
SMS
MCO
MCO
fCPU
fCPU
TO CPU AND
PERIPHERALS
(1ms timebase @ 8 MHz fOSC2)
/32 DIVIDER
fOSC2
fOSC2/32
fOSC2
fLTIMER
1
0
LITE TIMER 2 COUNTER
8-BIT
AT TIMER 2
12-BIT
PLL
8MHz -> 32MHz
fCPU
CLKIN
OSC2
CLKIN
Tunable
Oscillator
1% RC
PLL 1MHz -> 8MHz
PLL 1MHz -> 4MHz
RC OSC
PLLx4x8
/2
DIVIDER
Option bits
OSC,PLLOFF,
OSCRANGE[2:0]
OSC
1-16 MHZ
or 32kHz
CLKIN
CLKIN
/OSC1
fOSC
/2
DIVIDER
OSC/2
CLKIN/2
CLKIN/2
Option bits
OSC,PLLOFF,
OSCRANGE[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com