Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALIF2 Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 63Page - STMicroelectronics ST7DALIF2 Datasheet HTML 64Page - STMicroelectronics ST7DALIF2 Datasheet HTML 65Page - STMicroelectronics ST7DALIF2 Datasheet HTML 66Page - STMicroelectronics ST7DALIF2 Datasheet HTML 67Page - STMicroelectronics ST7DALIF2 Datasheet HTML 68Page - STMicroelectronics ST7DALIF2 Datasheet HTML 69Page - STMicroelectronics ST7DALIF2 Datasheet HTML 70Page - STMicroelectronics ST7DALIF2 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 171 page
background image
ST7DALIF2
I/O ports
67/171
12.7
Device-specific I/O port configuration
The I/O port register configurations are summarized as follows.
Table 29.
Ports PA7:0, PB6:0 with interrupt capability not selected in EISR register
Mode
DDR
OR
floating input
0
0
pull-up input
0
1
open drain output
1
0
push-pull output
1
1
Table 30.
Ports PA7:0, PB6:0 with interrupt capability selected in EISR register
Mode
DDR
OR
Floating input
0
0
Pull-up interrupt input
0
1
Open drain output
1
0
Push-pull output
1
1
Table 31.
Port configuration (interrupt capability not selected in the EISR register)
Port
Pin name
Input
Output
OR = 0
OR = 1
OR = 0
OR = 1
Port A
PA7:0
floating
pull-up
open drain
push-pull
Port B
PB6:0
floating
pull-up
open drain
push-pull
Table 32.
Port configuration (interrupt capability selected in the EISR register)
Port
Pin name
Input
Output
OR = 0
OR = 1
OR = 0
OR = 1
Port A
PA7:0
floating
pull-up interrupt
open drain
push-pull
Port B
PB6:0
floating
pull-up interrupt
open drain
push-pull
Table 33.
I/O port register map and reset values
Address
(Hex.)
Register
label
76543210
0000h
PADR
Reset
Value
MSB
1111111
LSB
1
0001h
PADDR
Reset
Value
MSB
0000000
LSB
0
0002h
PAOR
Reset
Value
MSB
0100000
LSB
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com