Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 105 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 105 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 101Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 102Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 103Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 104Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 105Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 106Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 107Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 108Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 109Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
105 of 112
MB9B410R Series
14.
Package Dimensions
Package Type
Package Code
LQFP 100
LQI100
NOTES :
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. DATUM PLANE H IS LOCATED AT THE BOTTOM OF THE MOLD PARTING
LINE COINCIDENT WITH WHERE THE LEAD EXITS THE BODY.
3. DATUMS A-B AND D TO BE DETERMINED AT DATUM PLANE H.
4. TO BE DETERMINED AT SEATING PLANE C.
5. DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD PROTRUSION.
ALLOWABLE PROTRUSION IS 0.25mm PRE SIDE.
DIMENSIONS D1 AND E1 INCLUDE MOLD MISMATCH AND ARE DETERMINED
AT DATUM PLANE H.
6. DETAILS OF PIN 1 IDENTIFIER ARE OPTIONAL BUT MUST BE LOCATED
WITHIN THE ZONE INDICATED.
7. REGARDLESS OF THE RELATIVE SIZE OF THE UPPER AND LOWER BODY
SECTIONS. DIMENSIONS D1 AND E1 ARE DETERMINED AT THE LARGEST
FEATURE OF THE BODY EXCLUSIVE OF MOLD FLASH AND GATE BURRS.
BUT INCLUDING ANY MISMATCH BETWEEN THE UPPER AND LOWER
SECTIONS OF THE MOLDER BODY.
8. DIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSION. THE DAMBAR
PROTRUSION (S) SHALL NOT CAUSE THE LEAD WIDTH TO EXCEED b
MAXIMUM BY MORE THAN 0.08mm. DAMBAR CANNOT BE LOCATED ON
THE LOWER RADIUS OR THE LEAD FOOT.
9. THESE DIMENSIONS APPLY TO THE FLAT SECTION OF THE LEAD
BETWEEN 0.10mm AND 0.25mm FROM THE LEAD TIP.
10. A1 IS DEFINED AS THE DISTANCE FROM THE SEATING PLANE TO
THE LOWEST POINT OF THE PACKAGE BODY.
DIMENSIONS
SYMBOL
MIN.
NOM. MAX.
A
1.70
A1
0.05
0.15
b
0.15
0.27
c
0.09
0.20
D
16.00 BSC
D1
14.00 BSC
e
0.50 BSC
E
E1
L
0.45
0.60
0.75
L1
0.30
0.50
0.70
16.00 BSC
14.00 BSC
A
A1
0.25
0.0 8 C
1
100
D1
D
E1 E
e
4
4
0.0 8
C A-B
D
7
5
SEAT ING
PLA NE
0.2 0 C A-B D
0.1 0 C A-B D
b
SECTION A-A'
c
9
A
A'
5 7
5
7
3
3
6
8
10
2
2
L1
L
b
D1
D
E1 E
4
4
5 7
5
7
25
26
50
51
75
76
SIDE VIEW
TOP VIEW
BOTTOM VIEW
DETAIL A
1
25
26
50
5
7
1
5
100
76
PACKAGE OUTLINE, 100 LEAD LQFP
14.0X14.0X1.7 MM LQI100 REV*A
002-11500 *A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com