Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 107 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 107 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 103Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 104Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 105Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 106Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 107Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 108Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 109Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 110Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 111Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
107 of 112
MB9B410R Series
Package Type
Package Code
QFP 100
PQH100
DIMENSIONS
SYMBOL
MIN.
NOM. MAX.
A
3.35
A1
0.05
0.45
b
0.27
0.32
0.37
c
0.11
0.23
D
23.90 BSC
D1
20.00 BSC
e
0.65 BSC
E
E1
L
0.73
0.88
1.03
L1
1.95 REF
L2
0.25 BSC
17.90 BSC
14.00 BSC
0
8
L2
0
3
1
100
e
b
D1
D
5 7
4
E
E1
3
6
4
5
7
0.20 C A-B D
7
5
2
0.13
C A-B
D
8
0.40 C A-B D
3
2
SEATING
PLANE
b
SECTION A-A'
c
9
SIDE VIEW
TOP VIEW
A
A'
0.10 C
10
DETAIL A
31
50
51
80
81
1
30
100
31
50
0
8
1
5
81
BOTTOM VIEW
PACKAGE OUTLINE, 100 LEAD QFP
20.00X14.00X3.35 MM PQH100 REV**
002-15156 **



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com