Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 109 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 109 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 104Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 105Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 106Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 107Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 108Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 109Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 110Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 111Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 112Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 109 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
109 of 112
MB9B410R Series
15.
Major Changes
Spansion Publication Number: DS706-00026
Page
Section
Change Results
Revision 1.0
-
-
Initial release
Revision 2.0
5
FEATURES
External Interrupt Controller Unit
Corrected the external interrupt input pin.
101
ELECTRICAL
CHARACTERISTICS
5. 12-bit A/D Converter
Electrical Characteristics for the
A/D Converter
Corrected the value of "Compare clock cycle".
Max: 10000 → 2000
106
ORDERING INFORMATION
Corrected the part number.
Revision 2.1
-
-
Company name and layout design change
Revision 3.0
2
Features
External Bus Interface
Added the description of Maximum area size
9
Packages
Deleted the description of ES
27, 28
List of Pin Functions
· List of pin numbers
Modified I/O circuit type of P63 to P68
47, 49
I/O Circuit Type
Added the description of I2C to the type of E, F and I
47, 48
I/O Circuit Type
Added about +B input
54
Handling Devices
Added " Stabilizing power supply voltage"
54
Handling Devices
Crystal oscillator circuit
Added the following description
"Evaluate oscillation of your using crystal oscillator by your mount board."
55
Handling Devices
C Pin
Changed the description
56
Block Diagram
Modified the block diagram
57
Memory Map
· Memory map(1)
Modified the area of "External Device Area"
58, 59
Memory Map
· Memory map(2)(3)
Added the summary of Flash memory sector and the note
66, 67
Electrical Characteristics
1. Absolute Maximum Ratings
· Added the Clamp maximum current
· Added the output current of P80 and P81
· Added about +B input
68
Electrical Characteristics
2. Recommended Operation
Conditions
· Modified the minimum value of Analog reference voltage
· Added Smoothing capacitor
· Added the note about less than the minimum power supply voltage
69, 70
Electrical Characteristics
3. DC Characteristics
(1) Current rating
· Changed the table format
· Added Main TIMER mode current
· Added Flash Memory Current
· Moved A/D Converter Current
· Modified the unit of low voltage detection circuit (LVD) power supply
current
73
Electrical Characteristics
4. AC Characteristics
(1) Main Clock Input
Characteristics
Added Master clock at Internal operating clock frequency
74
Electrical Characteristics
4. AC Characteristics
(3) Built-in CR Oscillation
Characteristics
Added Frequency stability time at Built-in high-speed CR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com