Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 159 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 159 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 155Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 156Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 157Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 158Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 159Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 160Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 161Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 162Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 163Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
159
27
R/W
0
MULTI_LEAKY_EN
_4
Multicast frame leaky VLAN enable.
Also use ARL_MULTI_LEAKY_EN and LEAKY_EN
bit in ARL table to control unicast leaky VLAN.
When ARL_MULTI_LEAKY_EN is set to zero, only
MULTI_LEAKY_EN control multicast frame leaky
VLAN.
If ARL_MULTI_LEAKY_EN is set to 1'b1, only
frame with DA in ARL table and LEAKY_EN bit is
set to 1'b1 can be forward as leaky VLAN, ignore
MULTI_LEAKY_EN.
if mac receive multicast frame from this port which
should forward as leaky VLAN, the frame could be
switched to destination port defined in ARL table
and cross all VLAN ( include port base VLAN and
802.1q ).
26
R/W
0
ARP_LEAKY_EN_4
1'b1: if mac receive ARP frame from this port, it can
cross all VLAN ( include port base VLAN and
802.1q ). 1'b0: ARP frame can't cross vlan
25
R/W
0
ING_MIRROR_EN_4 Ingress port mirror. If this bit is set to 1'b1, all
packets received from this port should be copied to
mirror port.
24
R/O
0
RESERVED
23
R/O
0
RESERVED
22
R/O
0
RESERVED
21
R/W
1'b0
PORT_LOOPBACK_
EN_4
1'b1: LOOP BACK. Packet sent in from this port will
be sent out from the same port. This packet will not
sent to other ports
1'b0: NORMAL FORWARDING
20
R/W
1'b1
LEARN_EN_4
Enable learn operation.
1'b1: enable hardware learn new MAC address into
ARL table.
1'b0: won't learn new MAC address to ARL table
19
R/O
0
RESERVED
Bit
R/W
Inital
Value
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com