Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 161 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 161 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 157Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 158Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 159Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 160Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 161Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 162Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 163Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 164Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 165Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
161
SFT&HW RST
Table 3-140 summarizes the PORT4_PRI_CTRL Register
Table 3-140.
Port 4 Priority Control Register
3.6.35
PORT4_LEARN_LIMIT
Address 0x0698
SFT&HW RST
Table 3-141 summarizes the PORT4_LEARN_LIMIT Register
Bit
R/W
Inital
Value
Mnemonic
Description
31:21
R/O
0
RESERVED
20
R/W
0
EG_MAC_BASE_VLA
N_EN_4
1'b1: DA priority can be used for QOS.
1'b1: VLAN priority can be used for QOS.
1'b1: TOS/TC can be used for QOS.
19
R/O
0
RESERVED
18
R/W
0
DA_PRI_EN_4
DA priority selected level for QOS.
There are five levels priority for QOS.
The highest is priority in packet header.
The others are selected by these bits. If these bits
are set to zero, DA priority is selected after
header. If these bits are set to n, DA priority is
selected after the priority set to n-1.
17
R/W
0
VLAN_PRI_EN_4
DA priority selected level for QOS.
16
R/W
0
IP_PRI_EN_4
IP priority selected level for QOS.
15:8
R/O
0
RESERVED
7:6
R/W
0
DA_PRI_SEL_4
DA priority selected level for QOS.
There are five levels priority for QOS.
The highest is priority in packet header.
The others are selected by these bits. If these bits
are set to zero, DA priority is selected after
header. If these bits are set to n, DA priority is
selected after the priority set to n-1.
5:4
R/W
1
VLAN_PRI_SEL_4
DA priority selected level for QOS.
3:2
R/W
2
IP_PRI_SEL_4
IP priority selected level for QOS.
1:0
R/O
0
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com