Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 160 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 160 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 156Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 157Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 158Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 159Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 160Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 161Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 162Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 163Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 164Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 394 page
background image
160 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
160 • June 2011
COMPANY CONFIDENTIAL
3.6.34
PORT4_PRI_CTRL
Address 0x0694
18:16
R/O
3'h4
PORT_STATE_4
Port State. These bits are used to manage the port to
determine what kind of frames are allowed to enter
or leave the port for simple bridge loop detection or
803.1D Spanning Tree.
3'b000: Disable mode. The port is completely
disable, and can't receive or transmit any frames.
3'b001: Blocking Mode. In this state, the port
forwards received management frames to the
designed port only. Any other frames can't be
transmitted or received by the port, and without
learning any SA address.
3'b010: Listening Mode. In this state, the port will
receive and transmit only management frames, but
without learning any SA address. Any other frames
can't be transmitted or received by the port.
3'b011: Learning Mode. In this state, the port will
learning all SA, and discard all frames except
management frames, and only management frames
allowed to be transmitted out.
3'b100: Forward Mode. In this state, the port will
learning all SA, transmit and receive all frames like
normal.
15
R/O
0
RESERVED
14:12
R/O
0
RESERVED
11
R/W
0
RESERVED
10
R/W
0
FORCE_PORT_VLA
N_EN_4
1'b1: force to use port base vlan enable. If this bit is
set to 1'b1, use port base vlan & vlan table result to
determine destination port.
9:8
R/W
2'0
VLAN_MODE_4
802.1Q mode for this port.
2'b00: 802.1Q disable. Use port base VLAN only.
2'b01: fallback. Enable 802.1Q for all received
frames. Don't discard ingress membership violation
and use the port base VLAN if the frame's VID isn't
contained in VLAN Table.
2'b10: check. Enable 802.1Q for all received frames.
Don't discard ingress membership violation but
discard frames which VID isn't contained in VLAN
Table.
2'b11: secure. Enable 802.1Q for all received frames.
Discard frames with ingress membership violation
or whose VID isn't contained in the VLAN Table.
7
R/O
'h6F
RESERVED
6:0
R/W
b00
PORT_VID_MEM_4
Port Base VLAN Member. Each bit restrict which
port can send frames to. To send frames to port0, bit
16 must be set to 1'b1, etc. These bits are set to one
after reset except the port's bit. This prevents frames
going out the port they received in.
Bit
R/W
Inital
Value
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com