Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 341 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 341 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 337Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 338Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 339Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 340Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 341Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 342Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 343Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 344Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 345Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
341
3.9.24
Private_Base_IP_ADDR R
egister
Address 0x0E5C
SFT&HD RST)
20
R/W
0
SPECIFIC_PIP_EN
Enable specific public ip for flush and get next
command, valid for NAPT table;
If enabled, according tip index field should be fill in for
the command;
19
R/W
0
SPECIFIC_SIP_EN
Enable specific source ip for flush and get next
command, valid for NAPT table;
18
R/W
0
SPECIFIC_AGE_EN Enable specific age value for flush and get next
command, valid for NAPT and ARP table;
Use <= as compare way(and >0 is the implied condition)
17
R/WW
0
CMD_INDEX
DEPEND:cmd_complete, cmd_index_in[9:0],
a. For NAT table, should fill in index for add one/delete
one/search one command;
b. For NAPT and ARP table, should fill in index for get
next command;
For example, if fill in 0, search from 1, and so on, for napt
table , if fill in 1023, should search from 0, for arp table ,
if fill in 127 , also should search from 0;
c. For NAPT and ARP table, hardware will return entry
index information for ADD ONE/DELETE ONE/
SEARCH ONE command;
7:8
R/O
0
STATUS
DEPEND: cmd_complete,
6R/O
0
RESERVED
5:4
R/W
0
TABLE_SEL
0:NAPT Table
1:Reserved
2:NAT Table
3:ARP Table
3R/O
0
RESERVED
2:0
R/W
0
ENTRY_FUNC
0: No Action
1: Flush Entry
2: Add one Entry
3: Delete one Entry
4: Get Next Valid Entry, Not Valid for SIP table and NAT
Table,
5: Search one Entry
a.. For NAPT and ARP table, should fill in key for add
one/delete one /search one;Should fill in the 5-tupe as
search key(Private IP, Private Port Number, Public IP
Public Port number, Protocol),for GRE entry (Private IP,
Call ID, Public IP, Call ID, Protocol), for ARP table,
should fill in Destination IP as search key;
b. For Flush and get next command if need extra
condition, should fill in related content to according
field which defined in entry data structure, and set
according enable control bit define in bits18~bit22;
Bit
R/W
Inital
Value
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com