Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 345 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 345 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 341Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 342Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 343Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 344Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 345Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 346Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 347Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 348Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 349Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
345
Table 3-366.
Control Register
Bit
Symbol
Type
Description
15
Reset
Mode
R/W
PHY Software Reset. Writing a "1" to
this bit causes the PHY the reset
operation is done , this bit is cleared to
"0" automatically. The reset occurs
immediately.
1= PHY reset
0 =Normal operation
HW Rst
0
SW Rst
SC
14
Loopback
Mode
R/W
When loopback is activated, the
transmitter data presented on TXD is
looped back to RXD internally. Link is
broken when loopback is enabled.
1 = Enable Loopback
0 = Disable Loopback
HW Rst
0
SW Rst
0
13
Speed Selection
Mode
R/W
0.6 0.13
1 1 = Reserved
1 0 = 1000 Mb/s
0 1= 100 Mb/s
0 0 = 10 Mb/s
HW Rst
SW Rst
12
Auto-negotiation
Mode
R/W
1 = Enable Auto-Negotiation Process
0 = Disable Auto-Negotiation Process
HW Rst
SW Rst
11
Power Down
Mode
R/W
When the port is switched from power
down to normal operation, software
reset and restart Auto-Negotiation are
performed even when bits Reset (0.15)
and Restart Auto-Negotiation (0.9) are
not set by the user.
1 = Power down
0 = Normal operation
HW Rst
0
SW Rst
0
10
Isolate
Mode
R/W
The GMII/MII output pins are tristated
when this bit is set to 1.
The GMII/MII inputs are ignored.
1 = Isolate
0 = Normal operation
HW Rst
0
SW Rst
0
9
Restart Auto-negotiation
Mode
R/W, SC
Auto-Negotiation automatically
restarts after hardware or software
reset regardless of whether or not the
restart bit (0.9) is set.
1 = Restart Auto-Negotiation Process
0 = Normal operation
HW Rst
0
SW Rst
SC
8
Duplex Mode
Mode
R/W, SC
1:Full Duplex
0 :Half Duplex
HW Rst
SW Rst
7
Collision Test
Mode
R/W
Setting this bit to 1 will cause the COL
pin to assert whenever the TX_EN pin
is asserted.
1 = Enable COL signal test
0 = Disable COL signal test
HW Rst
0
SW Rst
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com