Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 349 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 349 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 345Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 346Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 347Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 348Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 349Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 350Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 351Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 352Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 353Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
349
14
Ack
Mode
RO
Must be 0
HW Rst
Always 0
SW Rst
Always 0
13
Remote Fault
Mode
R/W
1 = Set Remote Fault bit
0 = Do not set Remote Fault bit
HW Rst
Always 0
SW Rst
Always 0
12
Reserved
Mode
RO
Always 0.
HW Rst
Always 0
SW Rst
Always 0
11
Asymmetric
Pause
Mode
R/W
The value of this bit will be updated immediately after
writing this register. But the value written to this bit does
not takes effect until any one of the following occurs:
o Software reset is asserted (register 0.15)
o Restart Auto-Negotiation is asserted (register 0.9)
o Power down (register 0.11) transitions from power down
to normal operation
o Link goes down
1 = Asymmetric Pause
0 = No asymmetric Pause
(this bit has added the pad control and can be set from the
F001 top, its default value is one)
HW Rst
1
SW Rst
Update
10
PAUSE
Mode
R/W
The value of this bit will be updated immediately after
writing this register. But the value written to this bit does
not takes effect until any one of the following occurs:
o Software reset is asserted (register 0.15)
o Restart Auto-Negotiation is asserted (register 0.9)
o Power down (register 0.11) transitions from power down
to normal operation
o Link goes down
1 = MAC PAUSE implemented
0 = MAC PAUSE not implemented
(this bit has added the pad control and can be set from the
F001 top, its default value is one)
HW Rst
1
SW Rst
Update
9
100Base-T4
Mode
RO
Not able to perform 100BASE-T4
HW Rst
Always 0
SW Rst
Always 0
8
100Base -TX
Mode
R/W
The value of this bit will be updated immediately after
writing this register. But the value written to this bit does
not takes effect until any one of the following occurs:
o Software reset is asserted (register 0.15)
o Restart Auto-Negotiation is asserted (register 0.9)
o Power down (register 0.11) transitions from power down
to normal operation
o Link goes down
1 = Advertise
0 = Not advertised
HW Rst
1
SW Rst
Update
Bit
Symbol
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com