Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 351 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 351 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 347Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 348Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 349Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 350Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 351Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 352Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 353Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 354Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 355Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
351
14
Ack
Mode
RO
Acknowledge
Received Code Word Bit 14
1 = Link partner received link code
word
0 = Link partner does not have Next
Page ability
HW Rst
0
SW Rst
0
13
Remote Fault
Mode
RO
Remote Fault
Received Code Word Bit 13
1 = Link partner detected remote fault
0 = Link partner has not detected
remote fault
HW Rst
0
SW Rst
0
12
Reserved
Mode
RO
Technology Ability Field
Received Code Word Bit 12
HW Rst
0
SW Rst
0
11
Asymmetric Pause
Mode
RO
Technology Ability Field
Received Code Word Bit 11
1 = Link partner requests asymmetric
pause
0 = Link partner does not request
asymmetric pause
HW Rst
0
SW Rst
0
10
PAUSE
Mode
RO
Technology Ability Field
Received Code Word Bit 10
1 = Link partner is capable of pause
operation
0 = Link partner is not capable of pause
operation
HW Rst
0
SW Rst
0
9
100BASE-T4
Mode
Technology Ability Field
Received Code Word Bit 9
1 = Link partner is 100BASE-T4 capable
0 = Link partner is not 100BASE-T4
capable
HW Rst
SW Rst
8100BASE-TX
Full Duplex
Mode
RO
Technology Ability Field
Received Code Word Bit 8
1 = Link partner is 100BASE-TX full-
duplex capable
0 = Link partner is not 100BASE-TX
full-duplex capable
HW Rst
0
SW Rst
0
7100BASE-TX
Half Duplex
Mode
RO
Technology Ability Field
Received Code Word Bit 7
1 = Link partner is 100BASE-TX half-
duplex capable
0 = Link partner is not 100BASE-TX
half-duplex capable
HW Rst
0
SW Rst
0
6
10BASE-TX
Full Duplex
Mode
RO
Technology Ability Field
Received Code Word Bit 6
1 = Link partner is 10BASE-T full-
duplex capable
0 = Link partner is not 10BASE-T full-
duplex capable
HW Rst
0
SW Rst
0
Bit
Symbol
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com