Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 354 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 354 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 350Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 351Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 352Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 353Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 354Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 355Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 356Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 357Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 358Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 394 page
background image
354 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
354 • June 2011
COMPANY CONFIDENTIAL
3.10.10 1000Base-T Control Register
Address Offset: 0x09, or 0d09
Table 3-375, “1000Base-T Control Register Register,” on page 354 summarizes the Register
Table 3-375.
1000Base-T Control Register Register
13
Message Page
Mode
Mode
RO
Received Code Word Bit 13
HW Rst
0
SW Rst
0
12
Ack2
Mode
RO
Received Code Word Bit 12
HW Rst
0
SW Rst
0
11
Toggle
Mode
RO
Received Code Word Bit 11
HW Rst
0
SW Rst
0
10:0
Message/
Unformatted
Field
Mode
R/W
Received Code Word Bit 10:0
HW Rst
0x000
SW Rst
0x000
Bit
Symbol
Type
Description
Bit
Symbol
Type
Description
15:13
Test Mode
Mode
R/W
TX_TCLK comes from the RX_CLK pin for jitter testing in
test modes 2 and 3. After exiting the test mode, hardware
reset or software
reset (register 0.15) should be issued to ensure normal
operation.
000 = Normal Mode
001 = Test Mode 1 - Transmit Waveform Test
010 = Test Mode 2 - Transmit Jitter Test (MASTER mode)
011 = Test Mode 3 - Transmit Jitter Test (SLAVE mode)
100 = Test Mode 4 - Transmit Distortion Test
101, 110, 111 = Reserved
HW Rst
000
SW Rst
Retain
12
Master/Slave
manual
Configuratio
n Enable
Mode
R/W
The value of this bit will be updated immediately after
writing this register. But the value written to this bit does
not takes effect until any one of the following occurs:
o Software reset is asserted (register 0.15)
o Restart Auto-Negotiation is asserted (register 0.9)
o Power down (register 0.11) transitions from power down
to normal operation
o Link goes down
1 = Manual MASTER/SLAVE configuration
0 = Automatic MASTER/SLAVE configuration
HW Rst
0
SW Rst
Update



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com