Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 357 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 357 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 353Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 354Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 355Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 356Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 357Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 358Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 359Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 360Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 361Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
357
Table 3-377.
MMD Access Control Register
3.10.13 MMD Access Address Data Register
Address Offset: 0x0E, or 0d14
Table 3-378, “MMD Access Address Data Register,” on page 357 summarizes the Register
Table 3-378.
MMD Access Address Data Register
3.10.14 Extended Status Register
Address Offset: 0x0F, or 0d15
Table 3-379, “Extended Status Register,” on page 357 summarizes the Registers
Table 3-379.
Extended Status Register
Bit
Symbol
Type
Description
15:14
Function
Mode
R/W
00=address
01=data,no post increment
10=data,post increment on reads and writes
11=data,post increment on writes only;
HW Rst.
00
SW Rst.
Retain
13:5
Reserved
Mode
R/O
HW Rst.
0
SW Rst.
0
4:0
DEVAD
Mode
R/W
Device address
HW Rst.
0
SW Rst.
Update
Bit
Symbol
Type
Description
15:0
Address Data
Mode
R/W
If register13.15:14=00, MMD DEVAD's address
register.
Otherwise, MMD DEVAD's data register as indicated
by the contents of its address register
HW Rst.
00
SW Rst.
Retain
Bit
Symbol
Type
Description
15
1000BASE-X
Full Duplex
Mode
RO
PHY not able to perform 1000BASE-X Full Duplex
HW Rst
Always 0
SW Rst
Always 0
14
1000BASE-X
Half Duplex
Mode
RO
PHY not able to perform 1000BASE-X Half Duplex
HW Rst
Always 0
SW Rst
Always 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com